Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4066D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4066D
Description  Quad bilateral swiches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4066D Datasheet HTML 1Page - NXP Semiconductors 74HC4066D Datasheet HTML 2Page - NXP Semiconductors 74HC4066D Datasheet HTML 3Page - NXP Semiconductors 74HC4066D Datasheet HTML 4Page - NXP Semiconductors 74HC4066D Datasheet HTML 5Page - NXP Semiconductors 74HC4066D Datasheet HTML 6Page - NXP Semiconductors 74HC4066D Datasheet HTML 7Page - NXP Semiconductors 74HC4066D Datasheet HTML 8Page - NXP Semiconductors 74HC4066D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2004 Nov 11
3
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level.
L = LOW voltage level.
ORDERING INFORMATION
INPUT nE
SWITCH
L
off
Hon
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
74HC4066N
−40 °C to 125 °C
14
DIP14
plastic
SOT27-1
74HCT4066N
−40 °C to 125 °C
14
DIP14
plastic
SOT27-1
74HC4066D
−40 °C to 125 °C
14
SO14
plastic
SOT108-1
74HCT4066D
−40 °C to 125 °C
14
SO14
plastic
SOT108-1
74HC4066DB
−40 °C to 125 °C
14
SSOP14
plastic
SOT337-1
74HCT4066DB
−40 °C to 125 °C
14
SSOP14
plastic
SOT337-1
74HC4066PW
−40 °C to 125 °C
14
TSSOP14
plastic
SOT402-1
74HCT4066PW
−40 °C to 125 °C
14
TSSOP14
plastic
SOT402-1
74HC4066BQ
−40 °C to 125 °C
14
DHVQFN14
plastic
SOT762-1
74HCT4066BQ
−40 °C to 125 °C
14
DHVQFN14
plastic
SOT762-1
PINNING
PIN
SYMBOL
DESCRIPTION
1
1Y
independent input/output
2
1Z
independent input/output
3
2Z
independent input/output
4
2Y
independent input/output
5
2E
enable input (active HIGH)
6
3E
enable input (active HIGH)
7
GND
ground (0 V)
8
3Y
independent input/output
9
3Z
independent input/output
10
4Z
independent input/output
11
4Y
independent input/output
12
4E
enable input (active HIGH)
13
1E
enable input (active HIGH)
14
VCC
supply voltage
handbook, halfpage
MGR253
4066
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1Y
1Z
2Z
2Y
2E
3E
GND
3Y
3Z
4Z
4Y
4E
1E
VCC
Fig.1
Pin configuration DIP14, SO14 and
(T)SSOP14.


Similar Part No. - 74HC4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4066D PHILIPS-74HC4066D Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC4066D NXP-74HC4066D Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HC4066D NXP-74HC4066D Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Toshiba Semiconductor
74HC4066D TOSHIBA-74HC4066D Datasheet
254Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-24 Rev.2.0
logo
Nexperia B.V. All right...
74HC4066D NEXPERIA-74HC4066D Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results

Similar Description - 74HC4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066_2005 PHILIPS-74LV4066_2005 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com