Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4066D Datasheet(PDF) 20 Page - NXP Semiconductors

Part # 74HC4066D
Description  Quad bilateral swiches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button 74HC4066D Datasheet HTML 16Page - NXP Semiconductors 74HC4066D Datasheet HTML 17Page - NXP Semiconductors 74HC4066D Datasheet HTML 18Page - NXP Semiconductors 74HC4066D Datasheet HTML 19Page - NXP Semiconductors 74HC4066D Datasheet HTML 20Page - NXP Semiconductors 74HC4066D Datasheet HTML 21Page - NXP Semiconductors 74HC4066D Datasheet HTML 22Page - NXP Semiconductors 74HC4066D Datasheet HTML 23Page - NXP Semiconductors 74HC4066D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
2004 Nov 11
20
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
TEST CIRCUIT AND WAVEFORMS
handbook, full pagewidth
open
GND
RL
Vis
VCC
VI
VO
MGR273
D.U.T.
CL
RT
PULSE
GENERATOR
VCC
switch
Fig.21 Test circuit for measuring AC performance.
TEST
SWITCH
Vis
tPZH
GND
VCC
tPZL
VCC
GND
tPHZ
GND
VCC
tPLZ
VCC
GND
other
open
pulse
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance ZO of the pulse generator.
tf = 6 ns; when measuring fmax, there is no
constraint to tr and tf with 50 % duty factor.
handbook, full pagewidth
MGR274
tTHL (tf)tTLH (tr)
VM
tW
positive
input pulse
negative
input pulse
0 V
amplitude
90%
10%
tTLH (tr)tTHL (tf)
VM
tW
0 V
amplitude
90%
10%
Fig.22 Input pulse definitions.
FAMILY
AMPLITUDE
VM
tr and tf
fmax; PULSE
WIDTH
OTHER
74HC4066
VCC
50 %
<2ns
6 ns
74HCT4066
3.0 V
1.3 V
<2ns
6 ns


Similar Part No. - 74HC4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4066D PHILIPS-74HC4066D Datasheet
175Kb / 24P
Quad bilateral switches
1998 Nov 10
74HC4066D NXP-74HC4066D Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HC4066D NXP-74HC4066D Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Toshiba Semiconductor
74HC4066D TOSHIBA-74HC4066D Datasheet
254Kb / 12P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-24 Rev.2.0
logo
Nexperia B.V. All right...
74HC4066D NEXPERIA-74HC4066D Datasheet
316Kb / 21P
Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results

Similar Description - 74HC4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066_2005 PHILIPS-74LV4066_2005 Datasheet
138Kb / 23P
Quad bilateral swiches
Rev. 03-4 July 2005
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com