Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4066D Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74HC4066D
Description  Quad bilateral swiches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066D Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HC4066D Datasheet HTML 11Page - NXP Semiconductors 74HC4066D Datasheet HTML 12Page - NXP Semiconductors 74HC4066D Datasheet HTML 13Page - NXP Semiconductors 74HC4066D Datasheet HTML 14Page - NXP Semiconductors 74HC4066D Datasheet HTML 15Page - NXP Semiconductors 74HC4066D Datasheet HTML 16Page - NXP Semiconductors 74HC4066D Datasheet HTML 17Page - NXP Semiconductors 74HC4066D Datasheet HTML 18Page - NXP Semiconductors 74HC4066D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
2004 Nov 11
15
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
handbook, full pagewidth
−100
0
−80
−60
−40
−20
MGR263
10
102
103
104
105
106
(dB)
f (kHz)
Fig.11 Typical switch OFF signal feed-through as a function of frequency.
Test conditions: VCC = 4.5 V; GND = 0 V; RL =50 Ω; Rsource =1kΩ.
handbook, full pagewidth
−5
5
0
MGR264
10
102
103
104
105
106
(dB)
f (kHz)
Fig.12 Typical frequency response.
Test conditions: VCC = 4.5 V; GND = 0 V; RL =50 Ω; Rsource =1kΩ.


Similar Part No. - 74HC4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4066D PHILIPS-74HC4066D Datasheet
175Kb / 24P
Quad bilateral switches
1998 Nov 10
74HC4066D NXP-74HC4066D Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HC4066D NXP-74HC4066D Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Toshiba Semiconductor
74HC4066D TOSHIBA-74HC4066D Datasheet
254Kb / 12P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-24 Rev.2.0
logo
Nexperia B.V. All right...
74HC4066D NEXPERIA-74HC4066D Datasheet
316Kb / 21P
Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results

Similar Description - 74HC4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066_2005 PHILIPS-74LV4066_2005 Datasheet
138Kb / 23P
Quad bilateral swiches
Rev. 03-4 July 2005
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com