Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6A01-G Datasheet(PDF) 3 Page - Comchip Technology

Part # 6A01-G
Description  General Purpose Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

6A01-G Datasheet(HTML) 3 Page - Comchip Technology

  6A01-G Datasheet HTML 1Page - Comchip Technology 6A01-G Datasheet HTML 2Page - Comchip Technology 6A01-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 2
QW-BG014
REV:A
Marking Code
XXX / XXXX = Product type marking code
Standard Packaging
6Axxx
General Purpose Silicon Rectifiers
6A005-G
6A01-G
6A02-G
6A04-G
6A06-G
6A08-G
6A10-G
Part Number
Marking code
6A05
6A1
6A2
6A4
6A6
6A8
6A10
6A005B-G
6A01B-G
6A02B-G
6A04B-G
6A06B-G
6A08B-G
6A10B-G
6A05
6A1
6A2
6A4
6A6
6A8
6A10
Case Type
AMMO PACK
500
R-6
Box / Carton
10
5,000
Box
( EA )
CARTON
( EA )
(EA)
Case Type
BULK PACK
250
R-6
Box / Carton
24
6,000
Box
( EA )
CARTON
( EA )
(EA)


Similar Part No. - 6A01-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
6A01 DIODES-6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
More results

Similar Description - 6A01-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
   General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIERS
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G_12 Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
logo
Semtech Corporation
1N4245 SEMTECH-1N4245 Datasheet
87Kb / 2P
   General Purpose Silicon Rectifiers
logo
Comchip Technology
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
A1N5404G-G COMCHIP-A1N5404G-G Datasheet
85Kb / 4P
   General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com