Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD274 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LD274
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LD274 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LD274 Datasheet HTML 1Page - Siemens Semiconductor Group LD274 Datasheet HTML 2Page - Siemens Semiconductor Group LD274 Datasheet HTML 3Page - Siemens Semiconductor Group LD274 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
1997-11-01
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
Wesentliche Merkmale
q
Sehr enger Abstrahlwinkel
q
GaAs-IR-LED, hergestellt im
Schmelzepitaxieverfahren
q
Hohe Zuverlässigkeit
q
Hohe Impulsbelastbarkeit
q
Gruppiert lieferbar
q
Gehäusegleich mit SFH 484
Anwendungen
q
IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern, Geräten
Features
q
Extremely narrow half angle
q
GaAs infrared emitting diode, fabricated in a
liquid phase epitaxy process
q
High reliability
q
High pulse handling capability
q
Available in groups
q
Same package as SFH 484
Applications
q
IR remote control of hi-fi and TV-sets, video
tape recorders, dimmers,
of various equipment
LD 274
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
5.9
5.5
0.6
0.4
7.8
7.5
9.0
8.2
5.7
5.1
29
27
1.8
1.2
Area not flat
0.6
0.4
Cathode (Diode)
Chip position
GEX06260
Approx. weight 0.5 g
Collector (Transistor)
1) Nur auf Anfrage lieferbar.
1) Available only on request.
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
LD 274
Q62703-Q1031
5-mm-LED-Gehäuse (T 1 3/4), graugetöntes Epoxy-
Gießharz, Anschlüsse im 2.54-mm-Raster (1/10’’),
Kathodenkennzeichnung: Kürzerer Lötspieß, flat
5 mm LED package (T 1 3/4), grey colored epoxy resin
lens, solder tabs lead spacing 2.54 mm (1/10’’), cathode
marking: shorter solder lead, flat
LD 274-21)
Q62703-Q1819
LD 274-3
Q62703-Q1820


Similar Part No. - LD274

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD274 OSRAM-LD274 Datasheet
181Kb / 11P
   GaAs Infrared Emitter
LD274-2 OSRAM-LD274-2 Datasheet
181Kb / 11P
   GaAs Infrared Emitter
LD274-3 OSRAM-LD274-3 Datasheet
181Kb / 11P
   GaAs Infrared Emitter
More results

Similar Description - LD274

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com