Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63Z737 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MCM63Z737
Description  128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63Z737 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM63Z737 Datasheet HTML 7Page - Motorola, Inc MCM63Z737 Datasheet HTML 8Page - Motorola, Inc MCM63Z737 Datasheet HTML 9Page - Motorola, Inc MCM63Z737 Datasheet HTML 10Page - Motorola, Inc MCM63Z737 Datasheet HTML 11Page - Motorola, Inc MCM63Z737 Datasheet HTML 12Page - Motorola, Inc MCM63Z737 Datasheet HTML 13Page - Motorola, Inc MCM63Z737 Datasheet HTML 14Page - Motorola, Inc MCM63Z737 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MCM63Z737
DMCM63Z819
11
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 5%, TA = 0 to 70°C Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ*
3.135
3.3
VDD
V
Ambient Temperature
TA
0
70
°C
Input Low Voltage
VIL
– 0.3
0.8
V
Input High Voltage
VIH
2
VDD + 0.3
V
Input High Voltage I/O Pins
VIH2
2
VDDQ + 0.3
V
*VDD and VDDQ are shorted together on the device and must be supplied with identical voltage levels.
VIH
20% tKHKH (MIN)
VSS
VSS – 1.0 V
Figure 5. Undershoot Voltage
DC CHARACTERISTICS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(I)
± 1
µA
1
Output Leakage Current (0 V
≤ Vin ≤ VDDQ)
Ilkg(O)
± 1
µA
AC Supply Current (Device Selected, All Outputs Open,
Freq = Max) Includes Supply Current for Both VDD and VDDQ
IDDA
300
mA
2, 3, 4
Hold Supply Current (Device Selected, Freq = Max,
VDD = Max, VDDQ = Max, CKE ≥ VDD – 0.2 V,
All Inputs Static at CMOS Levels)
IDD1
15
mA
6
CMOS Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, VDDQ = Max, All Inputs Static at CMOS Levels)
ISB2
5
mA
5, 6
TTL Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, VDDQ = Max, All Inputs Static at TTL Levels)
ISB3
25
mA
5, 7
Output Low Voltage (IOL = 8 mA)
VOL
0.4
V
Output High Voltage (IOH = – 8 mA)
VOH
2.4
V
NOTES:
1. LBO has an internal pullup and will exhibit leakage currents of
± 5 µA.
2. Reference AC Operating Conditions and Characteristics for Input and Timing.
3. All addresses transition simultaneously low (LSB) then high (MSB).
4. Data states are all zero.
5. Device in deselected mode as defined by the Truth Table.
6. CMOS levels for I/O’s are VIT ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V. CMOS levels for other inputs are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
7. TTL levels for I/O’s are VIT ≤ VIL or ≥ VIH2. TTL levels for other inputs are Vin ≤ VIL or ≥ VIH.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Min
Typ
Max
Unit
Input Capacitance
Cin
4
5
pF
Input/Output Capacitance
CI/O
7
8
pF


Similar Part No. - MCM63Z737

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z736TQ100 MOTOROLA-MCM63Z736TQ100 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z736TQ100R MOTOROLA-MCM63Z736TQ100R Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z736TQ133 MOTOROLA-MCM63Z736TQ133 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z736TQ133R MOTOROLA-MCM63Z736TQ133R Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
More results

Similar Description - MCM63Z737

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com