Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSXXXME3C1S Datasheet(PDF) 1 Page - OptoSupply International

Part # OSXXXME3C1S
Description  Xeon 3 Power LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXXXME3C1S Datasheet(HTML) 1 Page - OptoSupply International

  OSXXXME3C1S_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
Xeon 3 Power LED
OSXXXME3C1S
Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
Bollards / Security / Garden
Traffic signaling / Beacons
Unit:mm
Tolerance:±0.30mm
Absolute Maximum Rating
(Ta=25℃)
Directivity
Value
Item
Symbo
l
W/M/B/G/V
R/Y
Unit
DC Forward Current
IF
800
800
mA
Pulse Forward Current*
IFP
1000
1000
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
3200
2400
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +85
Lead Soldering Temperature
Tsol
260
/5sec
-
0
0
*Pulse width Max 0.1ms, Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25℃)
VF (V)
IR(µA)
Φ
v(lm)*
λD(nm)*
2θ1/2(deg)
Min Typ Max Min Typ Max
Max.
Min.
Typ. Max. Min.
Typ.
Max.
Typ.
Part Number
Color
IF=350mA IF=700mA VR=5V
IF=700mA
OSW4XME3C1S
White
W 3.0 3.3 4.0 3.5 3.8 4.5
10
180
200
-
X=0.31, Y=0.33
120
OSM5XME3C1S
Warm White M 3.0 3.3 4.0 3.5 3.8 4.5
10
160
180
-
X=0.45, Y=0.41
120
OSV5XME1C1S
Violet
V 3.0 3.3 4.0 3.5 3.8 4.5
10
Po: 180-250mW
400
405
410
120
OSB5XME3C1S
Blue
B 3.0 3.3 4.0 3.5 3.8 4.5
10
20
30
-
465
470
475
120
OSG5XME3C1S
Pure Green
P 3.0 3.3 4.0 3.5 3.8 4.5
10
120
130
-
520
525
530
120
OSY5XME3C1S
Yellow
Y 2.0 2.3 3.0 2.5 2.8 3.5
10
70
80
-
585
590
595
120
OSR5XME3C1S
Red
R 2.0 2.3 3.0 2.5 2.8 3.5
10
70
80
-
620
625
630
120
Note: *1. Tolerance of chromaticity coordinates is ±10%
*2. Dominant wavelength tolerance: ±1nm
*3. Tolerance of luminous Flux is ±15%
** Don’t drive at rated current more than 5s without heat sink for Xeon 3 emitter series**
LED & Application Technologies


Similar Part No. - OSXXXME3C1S_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXXXME3C1S OPTOSUPPLY-OSXXXME3C1S Datasheet
115Kb / 1P
   Xeon 3 Power LED Highest Luminous Flux Super Energy Efficiency Long Lifetime Operation
More results

Similar Description - OSXXXME3C1S_11

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XME3C1S OPTOSUPPLY-OSW4XME3C1S Datasheet
115Kb / 1P
   Xeon 3 Power LED
OSR5XAE3E1E OPTOSUPPLY-OSR5XAE3E1E_11 Datasheet
117Kb / 1P
   Xeon 3 Power Red LED
OSR5XME3C1E OPTOSUPPLY-OSR5XME3C1E_11 Datasheet
153Kb / 2P
   Xeon 3 Power Red LED
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
   Xeon 3 Power Cyan LED
OSY5XAE3E1E OPTOSUPPLY-OSY5XAE3E1E Datasheet
126Kb / 1P
   Xeon 3 Power Amber LED
OSB4XNE3E1E_VER.C.2 OPTOSUPPLY-OSB4XNE3E1E_VER.C.2 Datasheet
146Kb / 2P
   Xeon 3 Power blue LED
OSR5XNE3E1E_VER.C.2 OPTOSUPPLY-OSR5XNE3E1E_VER.C.2 Datasheet
139Kb / 2P
   xeon 3 power red led
OSW4XME3E1E OPTOSUPPLY-OSW4XME3E1E Datasheet
219Kb / 2P
   Xeon 3 Power PureWhite LED
OSY5XNE3E1E OPTOSUPPLY-OSY5XNE3E1E Datasheet
140Kb / 2P
   Xeon 3 Power Yellllow LED
OSB5XME3C1E OPTOSUPPLY-OSB5XME3C1E Datasheet
167Kb / 1P
   Xeon 3 Power Blue LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com