Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3906 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N3906
Description  GENERAL PURPOSE APPLIATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3906 Datasheet(HTML) 1 Page - Unisonic Technologies

  2N3906 Datasheet HTML 1Page - Unisonic Technologies 2N3906 Datasheet HTML 2Page - Unisonic Technologies 2N3906 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N3906
PNP EPITAXIAL PLANAR TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., LTD
QW-R201-028, C
GENERAL PURPOSE
APPLIATION
FEATURES
* Collector-Emitter Voltage: VCEO=40V
* Collector Dissipation: Pc(MAX)=625mW
* Complementary to UTC 2N3904
TO-92
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N3906L-T92-B
2N3906G-T92-B
TO-92
E
B
C
Tape Box
2N3906L-T92-K
2N3906G-T92-K
TO-92
E
B
C
Bulk
2N3906L-T92-R
2N3906G-T92-R
TO-92
E
B
C
Tape Reel
Note: Pin Assignment: E: EMITTER B: BASE C: COLLECTOR


Similar Part No. - 2N3906

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
New Jersey Semi-Conduct...
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
Diotec Semiconductor
2N3906 DIOTEC-2N3906 Datasheet
99Kb / 2P
Si-Epitaxial PlanarTransistors
logo
Jiangsu Changjiang Elec...
2N3906 JIANGSU-2N3906 Datasheet
506Kb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
2N3906 DAYA-2N3906 Datasheet
948Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2N3906

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT3906 UTC-MMBT3906_09 Datasheet
140Kb / 3P
GENERAL PURPOSE APPLIATION
MMBT3904 UTC-MMBT3904_11 Datasheet
155Kb / 3P
GENERAL PURPOSE APPLIATION
MMBT3904 UTC-MMBT3904 Datasheet
98Kb / 3P
GENERAL PURPOSE APPLIATION
MMBT3906 UTC-MMBT3906 Datasheet
50Kb / 3P
GENERAL PURPOSE APPLIATION
2N3906 UTC-2N3906 Datasheet
106Kb / 3P
GENERAL PURPOSE APPLIATION
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
General Purpose
FE-1X PREMO-FE-1X Datasheet
127Kb / 1P
General Purpose
FR-FRR PREMO-FR-FRR Datasheet
153Kb / 1P
General Purpose
FEH-1X PREMO-FEH-1X Datasheet
147Kb / 1P
General Purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com