Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8181A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK8181A
Description  3.3V LVPECL 1:4 Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8181A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK8181A Datasheet HTML 1Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 2Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 3Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 4Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 5Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 6Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 7Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AK8181A
Nov-2011
MS1342-E-00
- 4 -
DC Characteristics
All specifications at VDD= 3.3V
±5%, Ta: -40 to +85℃, unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
CLK0, CLK1
2.0
VDD+0.3
V
Input
High Voltage CLK_EN, CLK_SEL
VIH
2.0
VDD+0.3
CLK0, CLK1
-0.3
1.3
V
Input
Low Voltage CLK_EN, CLK_SEL
VIL
-0.3
0.8
CLK0, CLK1, CLK_SEL
Vin=VDD
150
μA
Input
High Current CLK_EN
IH
Vin=VDD
5
μA
CLK0, CLK1, CLK_SEL
Vin=VSS
-5
μA
Input
Low Current CLK_EN
IL
Vin=VSS
-150
μA
Output High Voltage
(1)
VOH
VDD-1.4
VDD-0.9
V
Output Low Voltage
(1)
VOL
VDD-2.0
VDD-1.7
V
Peak-to-Peak Output
Voltage Swing
(1)
VSWING
0.6
1.0
V
Supply Current
IDD
35
50
mA
(1) .Outputs terminated with 50Ω to VDD-2V.
AC Characteristics
All specifications at VDD= 3.3V
±5%, Ta: -40 to +85℃, unless otherwise noted
(1) Measured from the VDD/2 of the input to the differential output crossing point.
(2) Defined as skew between outputs at the same supply voltage and with equal load conditions.
(3) This parameter is defined in accordance with JEDEC Standard 65.
(4) Defined as skew between outputs on different devices operating at the same supply voltages and with equal load
conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Output Frequency
fOUT
266
MHz
Propagation Delay
(1)
tPD
0.6
1.4
ns
Output Skew
(2)(3)
tsk(O)
30
ps
Part-to-Part Skew
(3)(4)
tskPP
200
ps
Buffer Additive Jitter, RMS tjit
12kHz to 20MHz
0.06
ps
Output Rise/Fall Time
tr, tf
20% to 80%
200
600
ps
Output Duty Cycle
DCOUT
48
50
52
%


Similar Part No. - AK8181A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181B AKM-AK8181B Datasheet
541Kb / 4P
AK8181B Evaluation Board
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181D AKM-AK8181D Datasheet
774Kb / 6P
AK8181D Evaluation Board
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
More results

Similar Description - AK8181A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com