Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8181A Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK8181A
Description  3.3V LVPECL 1:4 Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8181A Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK8181A Datasheet HTML 1Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 2Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 3Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 4Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 5Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 6Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 7Page - Asahi Kasei Microsystems AK8181A Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AK8181A
MS1342-E-00
Nov-2011
- 3 -
Absolute Maximum Rating
Over operating free-air temperature range unless otherwise noted
(1)
Items
Symbol
Ratings
Unit
Supply voltage
(2)
VDD
-0.3 to 4.6
V
Input voltage
(2)
Vin
-0.3 to VDD+0.3
V
Input current (any pins except supplies)
IIN
±10
mA
Storage temperature
Tstg
-55 to 130
°C
Note
(1) Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only. Functional operation of the device at these or any other conditions beyond those
indicated under “Recommended Operating Conditions” is not implied. Exposure to absolute-maximum-rating
conditions for extended periods may affect device reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
(2) VSS=0V
This device is manufactured on a CMOS process, therefore, generically susceptible to
damage by excessive static voltage. Failure to observe proper handling and
installation procedures can cause damage. AKM recommends that this device is handled with
appropriate precautions.
Recommended Operation Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating temperature
Ta
-40
85
°C
Supply voltage
(1)
VDD
VDD
±5%
3.135
3.3
3.465
V
(1) Power of 3.3V requires to be supplied from a single source. A decoupling capacitor of 0.1
μF for power supply line should
be located close to each VDD pin.
Pin Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Capacitance
CIN
4
pF
Input Pullup Resistor
RPU
51
kΩ
Input Pulldown Resistor
RPD
51
kΩ
ESD Sensitive Device


Similar Part No. - AK8181A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181B AKM-AK8181B Datasheet
541Kb / 4P
AK8181B Evaluation Board
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181D AKM-AK8181D Datasheet
774Kb / 6P
AK8181D Evaluation Board
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
More results

Similar Description - AK8181A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com