Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 89Page - NXP Semiconductors CLRC663 Datasheet HTML 90Page - NXP Semiconductors CLRC663 Datasheet HTML 91Page - NXP Semiconductors CLRC663 Datasheet HTML 92Page - NXP Semiconductors CLRC663 Datasheet HTML 93Page - NXP Semiconductors CLRC663 Datasheet HTML 94Page - NXP Semiconductors CLRC663 Datasheet HTML 95Page - NXP Semiconductors CLRC663 Datasheet HTML 96Page - NXP Semiconductors CLRC663 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
93 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.12 Receiver configuration registers
9.12.1 RxSofD
9.12.2 RxCtrl
Table 153. RxSofD register (address 34h)
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
SOF_En
SOFDetected
RFU
SubC_En
SubC_Detected
SubC_Present
Access
rights
-
r/w
dy
-
r/w
dy
r
Table 154. RxSofD bits
Bit
Symbol
Description
7 to 6
RFU
-
5
SOF_En
If set and a SOF is detected an RxSOFIrq is raised
4
SOF_Detected
Shows that a SOF is or was detected. Can be cleared by SW
3RFU
-
2
SubC_En
If set and a subcarrier is detected an RxSOFIrq is raised.
1
SubC_Detected
Shows that a subcarrier is or was detected. Can be cleared by SW
0
SubC_Present
Shows that a subcarrier is currently detected.
Table 155. RxCtrl register (address 35h)
Bit
7
6
5
4
3
2
1
0
Symbol
RxAllowBits
RxMultiple
RxEOFType
EGT_Check
EMD_Sup
Baudrate
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
Table 156. RxCtrl bits
Bit
Symbol
Description
7
RxAllowBits
If set, data is written into FIFO even if CRC is enabled, and no
complete byte has been received.
6
RxMultiple
If set, RxMultiple is activated and the receiver will not terminate
automatically (refer Section 8.10.3.6 “Receive command”).
If set to logic 1, at the end of a received data stream an error byte is
added to the FIFO. The error byte is a copy of the Error register.
5
RxEOFType
0: EOF as defined in the RxEOFSymbolReg is expected.
1: ISO/IEC14443B EOF is expected.
Note: Clearing this bit to 0 and clearing bit 0 and bit 1 in the
RxEOFSymbolReg disables the EOF check


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com