Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 1 Page - NXP Semiconductors

  CLRC663 Datasheet HTML 1Page - NXP Semiconductors CLRC663 Datasheet HTML 2Page - NXP Semiconductors CLRC663 Datasheet HTML 3Page - NXP Semiconductors CLRC663 Datasheet HTML 4Page - NXP Semiconductors CLRC663 Datasheet HTML 5Page - NXP Semiconductors CLRC663 Datasheet HTML 6Page - NXP Semiconductors CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
1.
Introduction
This document describes the functionality and electrical specifications of the contactless
reader/writer IC CLRC663.
2.
General description
The CLRC663 is a highly integrated transceiver IC for contactless communication at
13.56 MHz.
The CLRC663 transceiver IC supports the following operating modes
Read/write mode supporting ISO/IEC 14443A/MIFARE
Read/write mode supporting ISO/IEC 14443B
Read/write mode supporting JIS X 6319-4 (comparable with FeliCa1 (see
Section 21.5) scheme)
Passive initiator mode according to ISO/IEC 18092
Read/write mode supporting ISO/IEC 15693
Read/write mode supporting ICODE EPC UID/ EPC OTP
Read/write mode supporting ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
The CLRC663’s internal transmitter is able to drive a reader/writer antenna designed to
communicate with ISO/IEC 14443A/MIFARE cards and transponders without additional
active circuitry. The digital module manages the complete ISO/IEC 14443A framing and
error detection functionality (parity and CRC).
The CLRC663 supports MIFARE Classic 1K, MIFARE Classic 4K, MIFARE Ultralight,
MIFARE Ultralight C, MIFARE PLUS and MIFARE DESFire products. The CLRC663
supports MIFARE higher transfer speeds of up to 848 kbit/s in both directions.
The CLRC663 supports layer 2 and 3 of the ISO/IEC 14443B reader/writer
communication scheme except anticollision. The anticollision needs to be implemented in
the firmware of the host controller as well as in the upper layers.
The CLRC663 is able to demodulate and decode FeliCa coded signals.The FeliCa
receiver part provides the demodulation and decoding circuitry for FeliCa coded signals.
The CLRC663 handles the FeliCa framing and error detection such as CRC. The
CLRC663 supports FeliCa higher transfer speeds of up to 424 kbit/s in both directions.
CLRC663
Contactless reader IC
Rev. 3.3 — 3 April 2012
171133
Product data sheet
COMPANY PUBLIC
1.
In the following the word FeliCa is used for JIS X 6319-4


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com