Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors CLRC663 Datasheet HTML 82Page - NXP Semiconductors CLRC663 Datasheet HTML 83Page - NXP Semiconductors CLRC663 Datasheet HTML 84Page - NXP Semiconductors CLRC663 Datasheet HTML 85Page - NXP Semiconductors CLRC663 Datasheet HTML 86Page - NXP Semiconductors CLRC663 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
83 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.7.2.21
T4ReloadHi
High byte of the reload value of the 16-bit timer 4.
9.7.2.22
T4ReloadLo
Low byte of the reload value of the 16-bit timer 4.
Table 118. T4Control bits
Bit
Symbol
Description
7
T4Running
Shows if the timer T4 is running. If the bit T4StartStopNow is set, this
bit and the timer T4 can be started/stopped.
6T4Start
StopNow
if set, the bit T4Running can be changed
5
T4AutoTrimm
If set to one, the timer activates an LPO trimming procedure when it
underflows. For the T4AutoTrimm function, at least one timer (T0 to
T3) has to be configured properly for trimming (T3 is not allowed if
T4AutoLPCD is set in parallel).
4
T4AutoLPCD
If set to one, the timer activates a low-power card detection
sequence. If a card is detected an interrupt request is raised and the
system remains active if enabled. If no card is detected the CLRC663
enters the Power down mode if enabled. The timer is automatically
restarted (no gap). Timer 3 is used to specify the time where the RF
field is enabled to check if a card is present. Therefor you may not
use Timer 3 for T4AutoTrimm in parallel.
3
T4AutoRestart
Set to logic 1, the timer automatically restarts its countdown from
T4ReloadValue, after the counter value has reached the value zero.
Set to logic 0 the timer decrements to zero and stops. The bit
Timer4Irq is set to logic 1 at timer underflow.
2
T4AutoWakeUp
If set, the CLRC663 wakes up automatically, when the timer T4 has
an underflow. This bit has to be set if the IC should enter the Power
down mode after T4AutoTrimm and/or T4AutoLPCD is finished and
no card has been detected. If the IC should stay active after one of
these procedures this bit has to be set to 0.
1 to 0
T4Clk
00b - the timer input clock is the LFO clock
01b - the timer input clock is the LFO clock/8
10b - the timer input clock is the LFO clock/16
11b - the timer input clock is the LFO clock/32
Table 119. T4ReloadHi register (address 24h)
Bit
7
6
5
4
3
2
1
0
Symbol
T4ReloadHi
Access
rights
r/w
Table 120. T4ReloadHi bits
Bit
Symbol
Description
7 to 0
T4ReloadHi
Defines high byte of the for the reload value of timer 4. With the start
event the timer 4 loads the T4ReloadVal. Changing this register affects
the timer only at the next start event


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com