Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors CLRC663 Datasheet HTML 80Page - NXP Semiconductors CLRC663 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
77 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.7.2.6
T1ReloadHi
High byte (MSB) reload value of the Timer1.
9.7.2.7
T1ReloadLo
Low byte (LSB) reload value of the Timer1.
Table 88.
T1Control bits
Bit
Symbol
Description
7
T1StopRx
If set, the timer stops after receiving the first 4 bits. If cleared, the timer
is not stopped automatically.
Note: If LFO trimming is selected by T1start, this bit has no effect
6-
RFU
5 to 4
T1Start
00b: The timer is not started automatically
01b: The timer starts automatically at the end of the transmission
10b: Timer is used for LFO trimming without underflow (Start/Stop on
PosEdge)
11b: Timer is used for LFO trimming with underflow (Start/Stop on
PosEdge)
3
T1AutoRestart Set to logic 1, the timer automatically restarts its countdown from
T1ReloadValue, after the counter value has reached the value zero.
Set to logic 0 the timer decrements to zero and stops.
The bit Timer1IRq is set to logic 1 when the timer underflows.
2-
RFU
1 to 0
T1Clk
00b: The timer input clock is 13.56 MHz
01b: The timer input clock is 211,875 kHz.
10b: The timer input clock is an underflow of Timer0
11b: The timer input clock is an underflow of Timer2
Table 89.
T0ReloadHi register (address 15h)
Bit
7
6
5
4
3
2
1
0
Symbol
T1ReloadHi
Access
rights
r/w
Table 90.
T1ReloadHi bits
Bit
Symbol
Description
7 to 0
T1ReloadHi
Defines the high byte reload value of the Timer 1. With the start event
the timer loads the value of the T1ReloadValHi and T1ReloadValLo.
Changing this register affects the Timer only at the next start event.
Table 91.
T1ReloadLo register (address 16h)
Bit
7
6
5
4
3
2
1
0
Symbol
T1ReloadLo
Access
rights
r/w


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com