Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
75 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.7.2.1
T0ReloadHi
High byte reload value of the Timer0.
9.7.2.2
T0ReloadLo
Low byte reload value of the Timer0.
Table 78.
T0Control bits
Bit
Symbol
Description
7
T0StopRx
If set, the timer stops immediately after receiving the first 4 bits. If
cleared the timer does not stop automatically.
Note: If LFO Trimming is selected by T0Start, this bit has no effect
6-
RFU
5 to 4
T0Start
00b: The timer is not started automatically
01b: The timer starts automatically at the end of the transmission
10b: Timer is used for LFO trimming without underflow (Start/Stop on
PosEdge)
11b: Timer is used for LFO trimming with underflow (Start/Stop on
PosEdge)
3
T0AutoRestart 1: the timer automatically restarts its count-down from T0ReloadValue,
after the counter value has reached the value zero.
0: the timer decrements to zero and stops.
The bit Timer1Irq is set to logic 1 when the timer underflows.
2-
RFU
1 to 0
T0Clk
00b: The timer input clock is 13.56 MHz.
01b: The timer input clock is 211,875 kHz.
10b: The timer input clock is an underflow of Timer2.
11b: The timer input clock is an underflow of Timer1.
Table 79.
T0ReloadHi register (address 10h);
Bit
7
6
5
4
3
2
1
0
Symbol
T0Reload Hi
Access
rights
r/w
Table 80.
T0ReloadHi bits
Bit
Symbol
Description
7 to 0
T0ReloadHi
Defines the high byte of the reload value of the timer. With the start
event the timer loads the value of the registers T0ReloadValHi,
T0ReloadValLo. Changing this register affects the timer only at the
next start event.
Table 81.
T0ReloadLo register (address 11h);
Bit
7
6
5
4
3
2
1
0
Symbol
T0ReloadLo
Access
rights
r/w


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com