Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 68Page - NXP Semiconductors CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
72 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
6 to 4
RxAlign
Used for reception of bit oriented frames: RxAlign defines the bit position
length for the first bit received to be stored. Further received bits are
stored at the following bit positions.
Example:
RxAlign = 0h - the LSB of the received bit is stored at bit 0, the second
received bit is stored at bit position 1.
RxAlign = 1h - the LSB of the received bit is stored at bit 1, the second
received bit is stored at bit position 2.
RxAlign = 7h - the LSB of the received bit is stored at bit 7, the second
received bit is stored in the following byte at position 0.
Note: If RxAlign = 0, data is received byte-oriented, otherwise
bit-oriented.
3
NoColl
If this bit is set, a collision will result in an IntegErr
2 to 0
RxLastBits
Defines the number of valid bits of the last data byte received in
bit-oriented communications. If zero the whole byte is valid.
Note: These bits are set by the RxDecoder in a bit-oriented
communication at the end of the communication. They are reset at start
of reception.
Table 72.
RxBitCtrl bits
Bit
Symbol
Description


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
Multiple Protocol Contactless Reader IC
May 2003
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com