Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 63Page - NXP Semiconductors CLRC663 Datasheet HTML 64Page - NXP Semiconductors CLRC663 Datasheet HTML 65Page - NXP Semiconductors CLRC663 Datasheet HTML 66Page - NXP Semiconductors CLRC663 Datasheet HTML 67Page - NXP Semiconductors CLRC663 Datasheet HTML 68Page - NXP Semiconductors CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
67 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
9.5.1 IRQ0 register
Interrupt request register 0.
9.5.2 IRQ1 register
Interrupt request register 1.
Table 59.
IRQ0 register (address 06h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
Set
Hi AlertIrq
Lo AlertIrq
IdleIrq
TxIrq
RxIrq
ErrIrq
RxSOF
Irq
Access
rights
wdy
dy
dy
dy
dy
dy
dy
Table 60.
IRQ0 bits
Bit
Symbol
Description
7
Set
1: writing a 1 to a bit position 6..0 sets the interrupt request
0: Writing a 1 to a bit position 6..0 clears the interrupt request
6
HiAlerIrq
Set, when bit HiAlert in register Status1Reg is set. In opposition to HiAlert,
HiAlertIrq stores this event and can only be reset if Set is cleared.
5
LoAlertIrq
Set, when bit LoAlert in register Status1 is set. In opposition to LoAlert,
LoAlertIrq stores this event and can only be reset if Set is cleared
4
IdleIrq
Set, when a command terminates by itself e.g. when the Command changes
its value from any command to the Idle command. If an unknown command
is started, the Command changes its content to the idle state and the bit
IdleIRq is set. Starting the Idle command by the Controller does not set bit
IdleIRq.
3
TxIrq
Set, when data transmission is completed, which is immediately after the last
bit is sent.
2
RxIrq
Set, when the receiver detects the end of a data stream.
Note: This flag is no indication that the received data stream is correct. The
error flags have to be evaluated to get the status of the reception.
1
ErrIrq
Set, when the one of the following errors is set:
FifoWrErr, FiFoOvl, ProtErr, NoDataErr, IntegErr
0
RxSOFlrq
Set, when a SOF or a subcarrier is detected
Table 61.
IRQ1 register (address 07h)
Bit
7
6
5
4
3
2
1
0
Symbol
Set
GlobalIrq
LPCD_Irq
Timer4Irq
Timer3Irq
Timer2Irq
Timer1Irq
Timer0Irq
Access
rights
wdy
dy
dy
dy
dy
dy
dy


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com