Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
56 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
This command does not terminate automatically, when the card does not answer,
therefore the timer should be initialized to automatic mode. In this case, beside the bit
IdleIRq the bit TimerIRq can be used as termination criteria. During authentication
processing the bits RxIRq and TxIRq are blocked. The Crypto1On shows if the
authentication was successful.
The following data shall be written to the FIFO before the command can be activated:
Authentication command code (60h, 61h)
Block address
Card serial number byte 0
Card serial number byte 1
Card serial number byte 2
Card serial number byte 3
In total, 6 bytes are written to the FIFO.
Remark: When the MFAuthent command is active, any FIFO access is blocked. If there is
an attempt to access to the FIFO during MFAuthent being active, the bit WrErr in the Error
register is set.
This MFAuthent command terminates automatically when the MIFARE card is
authenticated and the bit MFCrypto1On in the Status register is set to logic 1.
This MFAuthent command does not terminate automatically when the card does not
answer, therefore the timer should be initialized to automatic mode. In this case, beside
the bit IdleIrq, the bit TimerIrq can be used as termination criteria. During authentication
processing the bit RxIrq and bit TxIrq are blocked. The Crypto1On bit is only valid after
termination of the authentication command (either after processing the protocol or after
writing IDLE to the command register).
In case there is an error during authentication, the bit ProtocolErr in the Error register is
set to logic 1 and the bit Crypto1On in register Status2Reg is set to logic 0.
8.10.3.5
AckReq command
Command (04h);
Performs a Query (Full command must be written into the FIFO); a Ack and a ReqRn
command. All answers to the command will be written into the FIFO. The error flag is
copied after the answer into the FIFO.
This command terminates automatically when finished and the active command is idle.
8.10.3.6
Receive command
Command (05h);
The CLRC663 activates the receiver path and waits for any data stream to be received.
The correct settings have to be chosen before starting this command.
This command terminates automatically when the received data stream ends. This is
indicated either by the end of frame pattern or by the length byte depending on the
selected framing and speed.


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com