Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
50 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.8 Clock generation
8.8.1 Crystal oscillator
The clock applied to the CLRC663 acts as time basis for generation of the carrier sent out
at TX and for the quadrature mixer I and Q clock generation as well as for the coder and
decoder of the synchronous system. Therefore stability of the clock frequency is an
important factor for proper performance. To obtain highest performance, clock jitter has to
be as small as possible. This is best achieved by using the internal oscillator buffer with
the recommended circuitry.
8.8.2 IntegerN PLL clock line
The CLRC663 is able to provide a clock with configurable frequency at CLKOUT from
1 MHz to 24 MHz (PLL_Ctrl and PLL_DIV). There it can serve as a clock source to a
microcontroller which avoids the need of a second crystal oscillator in the reader system.
Clock source for the IntegerN-PLL is the 27.12 MHz crystal oscillator.
Two dividers are determining the output frequency. First a feedback integer-N divider
configures the VCO frequency to be N
 fin/2 (control signal pll_set_divfb). As supported
Feedback Divider Ratios are 23, 27 and 28, VCO frequencies can be
23
 fin / 2 (312 MHz), 27  fin / 2 (366 MHz) and 28  fin / 2 (380 MHz).
The VCO frequency is divided by a factor which is defined by the output divider
(pll_set_divout). Table 41 “Divider values for selected frequencies using the integerN PLL”
shows the accuracy achieved for various frequencies (integer multiples of 1 MHz and
some typical RS232 frequencies) and the divider ratios to be used. The register bit
ClkOutEn enables the clock at CLKOUT pin.
The following formula can be used to calculate the output frequency:
Fig 32. Quartz connection
Table 40.
Crystal requirements recommendations
Symbol
Parameter
Conditions
Min
Typ
max
Unit
fxtal
crystal frequency
-
27.12
-
MHz
f
xtal/fxtal
relative crystal
frequency variation
250
-
+250
ppm
ESR
equivalent series
resistance
-50
100
CL
load capacitance
-
10
-
pF
Pxtal
crystal power
dissipation
-50
100
W
001aam308
27.12 MHz
XTAL1
XTAL2
READER IC


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com