Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors CLRC663 Datasheet HTML 43Page - NXP Semiconductors CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
45 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.6.5 Symbol generator
The symbol generator is used to create various protocol symbols. These can be e.g. SOF
or EOF symbols as they are used by the ISO14443 protocols or proprietary protocol
symbols like the CS symbol as used by the ICODE EPC protocol.
Symbols are defined by means of the symbol definition registers and the mode registers.
Four different symbols can be used. Two of them, Symbol0 and Symbol1 have a
maximum pattern length of 16 bit and feature a burst length of up to 256 bits of either logic
“0” or logic “1”. The Symbol2 and Symbol3 are limited to 8 bit pattern length and do not
support a burst.
The definition of symbol patterns is done by writing the bit sequence of the pattern to the
appropriate register. The last bit of the pattern to be sent is located at the LSB of the
register. By setting the symbol length in the symbol-length register (TxSym10Len and
TxSym32Len) the definition of the symbol pattern is completed. All other bits at
bit-position higher than the symbol length in the definition register are ignored. (Example:
length of Symbol2 = 5, bit7 and bit6 are ignored, bit5 to bit0 define the symbol pattern, bit5
is sent first)
Which symbol-pattern is sent can be configured in the TxFrameCon register. Symbol0,
Symbol1 and Symbol2 can be sent before data packets, Symbol1, Symbol2 and Symbol3
can be sent after data packets. Each symbol is defined by a set of registers. Symbols are
configured by a pair of registers. Symbol0 and Symbol1 share the same configuration and
Symbol2 and Symbol3 share the same configuration. The configuration includes setting of
bit-clock- and subcarrier-frequency, as well as selection of the pulse type/length and the
envelope type.
8.7 Memory
8.7.1 Memory overview
The CLRC663 implements three different memories: EEPROM, FIFO and Registers.
At startup, the initialization of the registers which define the behavior of the IC is
performed by an automatic copy of an EEPROM area (read/write EEPROM section1 and
section2, register reset) into the registers. The behavior of the CLRC663 can be changed
by executing the command LoadProtocol, which copies a selected default protocol from
the EEPROM (read only EEPROM section4, register Set Protocol area) into the registers.
The read/write EEPROM section2 can be used to store any user data or predefined
register settings. These predefined settings can be copied with the command
"LoadRegister" into the internal registers.
The FIFO is used as Input/Out buffer and is able to improve the performance of a system
with limited interface speed.


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com