Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors CLRC663 Datasheet HTML 43Page - NXP Semiconductors CLRC663 Datasheet HTML 44Page - NXP Semiconductors CLRC663 Datasheet HTML 45Page - NXP Semiconductors CLRC663 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
42 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.6.4 Active antenna concept
Two main blocks are implemented in the CLRC663. A digital circuitry, comprising state
machines, coder and decoder logic and an analog circuitry with the modulator and
antenna drivers, receiver and amplification circuitry. For example, the interface between
these two blocks can be configured in the way, that the interfacing signals may be routed
to the pins SIGIN and SIGOUT. The most important use of this topology is the active
antenna concept where the digital and the analog blocks are separated. This opens the
possibility to connect e.g. an additional digital block of another CLRC663 device with a
single analog antenna front-end.
The Table 30 and Table 31 describe the necessary register configuration for the use case
active antenna concept.
The interface between these two blocks can be configured in the way, that the interfacing
signals may be routed to the pins SIGIN and SIGOUT (see Figure 30 “Overview
SIGIN/SIGOUT Signal Routing”).
This topology supports, that some parts of the analog part of the CLRC663 may be
connected to the digital part of another device.
The switch SigOutSel in registerSigOut can be used to measure signals. This is especially
important during the design In phase or for test purposes to check the transmitted and
received data.
However, the most important use of SIGIN/SIGOUT pins is the active antenna concept.
An external active antenna circuit can be connected to the digital circuit of the CLRC663.
SigOutSel has to be configured in that way that the signal of the internal Miller Coder is
sent to SIGOUT pin (SigOutSel = 4). SigInSel has to be configured to receive Manchester
signal with sub-carrier from SIGIN pin (SigInSel = 1).
Fig 29. Block diagram of the active Antenna concept
Table 30.
Register configuration of CLRC663 active antenna concept (DIGITAL)
Register
Value (binary)
Description
SigOut.SigOutSel
0100
TxEnvelope
Rcv.SigInSel
10
11
Receive over SigIn (ISO/IEC14443A)
Receive over SigIn (Generic Code)
DrvCon.TxSel
00
Low (idle)
Table 31.
Register configuration of CLRC663 active antenna concept (Antenna)
Register
Value (binary)
Description
SigOut.SigOutSel
0110
0111
Generic Code (Manchester)
Manchester with Subcarrier (ISO/IEC14443A)
Rcv.SigInSel
01
Internal
DrvCon.TxSel
10
External (SigIn)
RxCtrl.RxMultiple
1
RxMultiple on
001aam307
SIGIN
SIGIN
SIGOUT
SIGOUT
READER IC
(DIGITAL)
READER IC
(ANTENNA)


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com