Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
35 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.5
Buffer
8.5.1 Overview
An 512
 8-bit FIFO buffer is implemented in the CLRC663. It buffers the input and output
data stream between the host and the internal state machine of the CLRC663. Thus, it is
possible to handle data streams with lengths of up to 512 bytes without taking timing
constraints into account. The FIFO can also be limited to a size of 255 byte. In this case all
the parameters (FIFO length, Watermark...) require a single byte only for definition. In
case of a 512 byte FIFO length the definition of this values requires 2 bytes.
8.5.2 Accessing the FIFO buffer
When the
-Controller starts a command, the CLRC663 may, while the command is in
progress, access the FIFO-buffer according to that command. Physically only one
FIFO-buffer is implemented, which can be used in input and output direction. Therefore
the
-Controller has to take care, not to access the FIFO buffer in a way that corrupts the
FIFO data.
8.5.3 Controlling the FIFO buffer
Besides writing to and reading from the FIFO buffer, the FIFO-buffer pointers might be
reset by setting the bit FIFOFlush in FIFOControl to 1. Consequently, the FIFOLevel bits
are set to logic 0, the actually stored bytes are not accessible any more and the FIFO
buffer can be filled with another 512 bytes (or 255 bytes if the bit FIFOSize is set to 1)
again.
8.5.4 Status Information about the FIFO buffer
The host may obtain the following data about the FIFO-buffers status:
Number of bytes already stored in the FIFO-buffer. Writing increments, reading
decrements the FIFO level: FIFOLength in register FIFOLength (and FIFOControl
Register in 512 byte mode)
Warning, that the FIFO-buffer is almost full: HiAlert in register FIFOControl according
to the value of the water level in register WaterLevel (Register 02h bit [2], Register
03h bit[7:0])
Warning, that the FIFO-buffer is almost empty: LoAlert in register FIFOControl
according to the value of the water level in register WaterLevel (Register 02h bit [2],
Register 03h bit[7:0])
FIFOOvl bit indicates, that bytes were written to the FIFO buffer although it was
already full: ErrIrq in register Irq0.
WaterLevel is one single value defining both HiAlert (counting from the FIFO top) and
LoAlert (counting from the FIFO bottom). The CLRC663 can generate an interrupt signal
if:
LoAlertIRQEn in register IRQ0En is set to logic 1 it will activate pin IRQ when LoAlert
in the register FIFOControl changes to 1.
HiAlertIRQEN in register IRQ0En is set to logic 1 it will activate pin IRQ when HiAlert
in the register FIFOControl changes to 1.


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com