Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 26Page - NXP Semiconductors CLRC663 Datasheet HTML 27Page - NXP Semiconductors CLRC663 Datasheet HTML 28Page - NXP Semiconductors CLRC663 Datasheet HTML 29Page - NXP Semiconductors CLRC663 Datasheet HTML 30Page - NXP Semiconductors CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
30 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.4.5.2
SAM connection
The CLRC663 provides an interface to connect a SAM dedicated to the CLRC663. Both
interface options of the CLRC663, I2C or I2CL can be used for this purpose. The interface
option of the SAM itself is configured by a host command sent from the host to the SAM.
The I2CL interface is intended to be used as connection between two IC’s over a short
distance. The protocol fulfills the I2C specification, but does support a single device
connected to the bus only.
8.4.6 Boundary scan interface
The CLRC663 provides a boundary scan interface according the IEEE 1149.1. This
interface allows to test interconnections without using physical test probes. This is done
by test cells, assigned to each pin, which override the functionality of this pin.
To be able to program the test cells, the following commands are supported:
The Standard IEEE 1149.1 describes the four basic blocks necessary to use this interface:
Test Access Port (TAP), TAP controller, TAP instruction register, TAP data register;
Fig 23. I2C interface enables convenient MIFARE SAM integration
μC
Reader
I2C
I2C
aaa-002963
SAM
AV2.6
READER
IC
Table 25.
Boundary scan command
Value
(decimal)
Command
Parameter in
Parameter out
0
bypass
-
-
1
preload
data (24)
-
1
sample
-
data (24)
2
ID code (default)
-
data (32)
3
USER code
-
data (32)
4Clamp
-
-
5HIGH Z
-
-
7
extest
data (24)
data (24)
8
interface on/off
interface (1)
-
9
register access read
address (7)
data (8)
10
register access write
address (7) - data (8)
-


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com