Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDM-10008 Datasheet(PDF) 1 Page - CUI INC

Part # CDM-10008
Description  metal frame
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CDM-10008 Datasheet(HTML) 1 Page - CUI INC

  CDM-10008 Datasheet HTML 1Page - CUI INC CDM-10008 Datasheet HTML 2Page - CUI INC CDM-10008 Datasheet HTML 3Page - CUI INC CDM-10008 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 11/08/2011
page 1 of 4
cui.com
MODEL: CDM-10008
│ DESCRIPTION: SPEAKER
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
diameter
10
mm
depth
2.9
mm
input power
max. power: IEC-60268-5, filter 60 s on / 120 s
off, 10 cycles at room temp
0.3
0.5
W
impedance
at 1.5 kHz, 1 V
6.8
8
9.2
resonant frequency
at 1 V
960
1200
1,440
Hz
sound pressure level
0.3 W, 10 cm ave. at 1, 1.2, 1.5, 2 kHz
1 W, 1 m ave. at 1, 1.2, 1.5, 2 kHz
83
69
86
72
89
75
dB
dB
response
20,000
Hz
distortion
at 1.5 kHz, 0.3 W
10
%
buzz, rattle, etc.
must be normal at sine wave 1.55 V
magnet size
size: 5.3 x 1.0 mm
operating temperature
-20
55
°C
weight
0.6
g
material
metal
RoHS
yes
SOLDERABILITY
parameter
conditions/description
hand soldering
370 ±10°C for 3 ±1 seconds
FEATURES
metal frame
•mylar cone
RoHS
MECHANICAL DRAWING
units: mm
tolerance: ± 0.2mm
CAP
1.2 0.047
(4 PLCS)
10.0 0.394
2.5 0.098
SOLDERING
POINT
-
0106
+
CUI
DATE STAMP
01(MONTH)
11(YEAR)
7.2 0.283
0.114
2.9
0.2
1.4 0.055
0.2
0.020
0.5
9.5 0.374


Similar Part No. - CDM-10008

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CDM-10008 CUID-CDM-10008 Datasheet
870Kb / 4P
   SPEAKER
03/31/2023
More results

Similar Description - CDM-10008

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-16008 CUI-CDM-16008 Datasheet
1Mb / 4P
   metal frame
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
   metal frame
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
   metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
   metal frame
logo
Bolymin, Inc
BG16032A BOLYMIN-BG16032A Datasheet
111Kb / 1P
   COB with metal frame
BG16080G BOLYMIN-BG16080G Datasheet
567Kb / 1P
   SMT with metal frame
BG320240G BOLYMIN-BG320240G Datasheet
543Kb / 1P
   SMT with metal frame
BG12232A BOLYMIN-BG12232A_17 Datasheet
539Kb / 1P
   COB with Metal Frame
BG12864H BOLYMIN-BG12864H_17 Datasheet
533Kb / 1P
   COB with Metal Frame
BG19264A BOLYMIN-BG19264A_17 Datasheet
533Kb / 1P
   COB with Metal Frame
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com