Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLR2416 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # DLR2416
Description  4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

DLR2416 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  DLR2416 Datasheet HTML 1Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 2Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 3Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 4Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 5Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 6Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5–2
DLR/DLO/DLG2416
Maximum Ratings
DC Supply Voltage ........................................–0.5 V to +7.0 Vdc
Input Voltage, Respect to GND
(all inputs) .......................................... –0.5 V to VCC +0.5 Vdc
Operating Temperature ..................................... –40
°C to +85°C
Storage Temperature ....................................... –40
°C to +100°C
Relative Humidity at 85
°C.................................................... 85%
Maximum Solder Temperature, 0.063" (1.59 mm)
below Seating Plane, t<5 sec ...................................... 260
°C
Optical Characteristics
Spectral Peak Wavelength
Red ...................................................................... 660 nm typ.
HER ..................................................................... 630 nm typ.
Green .................................................................. 565 nm typ.
Character Height ............................................. 0.200" (5.08 mm)
Time Averaged Luminous Intensity(1) at VCC=5 V
Red................................................................ 60
µcd/LED typ.
HER ............................................................. 100
µcd/LED typ.
Green .......................................................... 120
µcd/LED typ.
LED to LED Intensity Matching at VCC=5 V.............1.8:1.0 max.
LED to LED Hue Matching (Green only)
at VCC=5 V ...........................................................±2 nm max.
Viewing Angle (off normal axis)
Horizontal ...............................................................
±50° max.
Vertical . .................................................................
±75° max.
Note 1: Peak luminous intensity values can be calculated by multiply-
ing these values by 7.
Figure 1. Top View
18 17 16 15 14 13 12 11 10
1
2
3
4
5
6
7
8
9
digit 3 digit 2 digit 1 digit 0
Pins and Functions
Figure 2. Timing characteristics —Write Cycle waveforms
Pin
Function
Pin
Function
1
CE1 Chip Enable
10
GND
2
CE2 Chip Enable
11
D0 Data Input
3
CLR Clear
12
D1 Data Input
4
CUE Cursor En-
able
13
D2 Data Input
5
CU Cursor Select
14
D3 Data Input
6WR Write
15
D6 Data Input
7
A1 Digit Select
16
D5 Data Input
8
A0 Digit Select
17
D4 Data Input
9VCC
18
BL Display Blank
TDS
TDH
TW
TACC
TAH
TAS
TCEH
TCUH
TCES
TCUS
TCLRD
2.0 V
0.8 V
CE1, CE2
CU, CLR
A0, A1
D0-D6
WR
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
Note: These waveforms are not edge triggered.
DC Characteristics
Parameter
–40
°C
+25
°C
+85
°C
Units
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
ICC 80 dots on
135
160
110
130
95
115
mA
VCC=5 V
ICC Cursor all dots at 50%
135
100
100
mA
VCC=5 V
ICC Blank
2.8
4.0
2.3
3.0
2.0
2.5
mA
VCC=5 V, BL=0.8 V
IIL (all inputs)
30
60
120
25
50
100
20
40
80
µAV
IN=0.8 V, VCC=5 V
VIH (all inputs)
2.0
2.0
2.0
V
VCC=5 V ±0.5 V
VIL (all inputs)
0.8
0.8
0.8
V
VCC=5 V ±0.5 V
VCC
4.5
5.0
5.5
4.5
5.0
5.5
4.5
5.0
5.5
V


Similar Part No. - DLR2416

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DLR2416 OSRAM-DLR2416 Datasheet
689Kb / 11P
The DLR/DLO/DLG2416 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.This dis-play is x/y stackable
More results

Similar Description - DLR2416

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
logo
Siemens Semiconductor G...
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
5x7 Dot Character VFD Controller & Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com