Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLR2416 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # DLR2416
Description  4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

DLR2416 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  DLR2416 Datasheet HTML 1Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 2Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 3Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 4Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 5Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 6Page - Siemens Semiconductor Group DLR2416 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5–1
RED
DLR2416
HIGH EFFICIENCY RED
DLO2416
GREEN
DLG2416
.200” 4-Character 5x7 Dot Matrix
Alphanumeric IntelligentDisplay® with Memory/Decoder/Driver
FEATURES
• Dot Matrix Replacement for DL2416T
• 0.200" 5 x 7 Dot Matrix Characters
• 128 Special ASCII Characters for English, German,
Italian, Swedish, Danish, and Norwegian
Languages
• Wide Viewing Angle: X Axis 50
° Maximum,
Y Axis
±75° Maximum
• Close Multi-line Spacing, 0.8" Centers
• Fast Access Time, 110 ns at 25
°C
• Full Size Display for Stationary Equipment
• Built-in Memory
• Built-in Character Generator
• Built-in Multiplex and LED Drive Circuitry
• Direct Access to Each Digit Independently
• and Asynchronously
• Independent Cursor Function
• Memory Function: Clears Character and Cursor
Memory Simultaneously
• True Blanking for Intensity Dimming Applications
• End-Stackable, 4-Character Package
• Intensity Coded for Display Uniformity
• Extended Operating Temperature Range:
–40
°C to +85°C
• Superior ESD Immunity
• Wave Solderable
• TTL Compatible over Operating Temperature
Range
• Interdigit Blanking
DESCRIPTION
The DLR/DLO/DLG2416 is a four digit 5x7 dot matrix display module
with a built-in CMOS integrated circuit. This display is X/Y stackable.
The integrated circuit contains memory, ASCII ROM decoder, multi-
plexing circuitry and drivers. Data entry is asynchronous and can be
random. A display system can be built using any number of DLX2416s
since each digit can be addressed independently and will continue to
display the character last stored until replaced by another.
System interconnection is very straightforward. The least significant
two address bits (A0, A1) are normally connected to the like-named
inputs of all displays in the system. With two chip enables (CE1 and
CE2) four displays (16 characters) can easily be interconnected with-
out a decoder.
Data lines are connected to all DLX2416s directly and in parallel, as is
the write line (WR). The display will then behave as a write-only mem-
ory.
The cursor function causes all dots of a digit position to illuminate at
half brightness. The cursor is not a character, and when removed the
previously displayed character will reappear.
The DLX2416 has several features superior to competitive devices.
True “blanking” allows the designer to dim the display for more flexibil-
ity of display presentation. Finally the CLR clear function will clear the
cursor RAM and the ASCII character RAM simultaneously.
The character set consists of 128 special ASCII characters for English,
German, Italian, Swedish, Danish, and Norwegian.
All products are subjected to out-going AQL’s of 0.25% for brightness
matching, visual alignment and dimensions, 0.065% for electrical and
functional.
.198
(5.03)
.800
(20.32)
max.
.600
±.020
(15.24
±.51)
.1.00 max.
(25.4)
.260 (6.60)
.100 16 pl.
(2.54) at Seating Plane
.260
(6.60) ref.
.012 (.30)
±.002 (.05)
18 pl.
.031
(.79)
.031
(.79)
.250
(6.35)
.136
(3.45)
.050 4 pl.
(1.27)
.010 (.25) 8 pl.
Part No.
.Pin 1
Indicator
EIA Date Code
.070 (1.78)
±.003 (.08)
Luminous
Intensity Code
.160
±.020
(4.06
±.51)
DLX2416
SIEMENS YYWW
Z
.018
(.46)
±.002 (.05) 18 pl.
.095
(2.41)
ref.
TOLERANCE: XXX
±.01 (.25)
Package Dimensions in inches (mm)


Similar Part No. - DLR2416

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
DLR2416 OSRAM-DLR2416 Datasheet
689Kb / 11P
The DLR/DLO/DLG2416 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.This dis-play is x/y stackable
More results

Similar Description - DLR2416

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
logo
Siemens Semiconductor G...
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
5x7 Dot Character VFD Controller & Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com