Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLY5 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # CLY5
Description  GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY5 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  CLY5 Datasheet HTML 1Page - Siemens Semiconductor Group CLY5 Datasheet HTML 2Page - Siemens Semiconductor Group CLY5 Datasheet HTML 3Page - Siemens Semiconductor Group CLY5 Datasheet HTML 4Page - Siemens Semiconductor Group CLY5 Datasheet HTML 5Page - Siemens Semiconductor Group CLY5 Datasheet HTML 6Page - Siemens Semiconductor Group CLY5 Datasheet HTML 7Page - Siemens Semiconductor Group CLY5 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GaAs FET
CLY 5
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/8
17.12.96
HL EH PD21
typ. Common Source S-Parameters
VDS = 3 V
ID = 350 mA
Zo = 50 Ω
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0,1
0,98
-26,6
11.52
160.7
0.01024
79
0.3
-171.8
0.15
0.96
-39.4
11.15
151.4
0.015
74.3
0.31
-169.3
0.2
0.93
-51.5
10.6
142.8
0.01942
69.9
0.33
-169.2
0.25
0.9
-63.1
10.06
134.9
0.02323
66.1
0.36
-169.4
0.3
0.87
-73.8
9.49
127.4
0.02665
62.3
0.38
-169.4
0.4
0.81
-93.3
8.34
114.1
0.03245
57
0.4
-172.7
0.5
0.77
-110.3
7.33
102.5
0.03711
52.8
0.43
-175.6
0.6
0.73
-125.3
6.47
92.4
0.04138
49.7
0.45
-179.4
0.7
0.71
-138.5
5.75
83.5
0.04528
47.3
0.47
177.5
0.8
0.7
-150.4
5.14
75.2
0.0489
45.2
0.49
174.2
0.9
0.69
-161.1
4.64
67.6
0.05271
43.3
0.5
170.8
1
0.68
-170.8
4.2
60.5
0.05646
41.6
0.51
168.1
1.2
0.69
172.1
3.51
47.2
0.06393
38
0.54
161.8
1.4
0.7
157.3
2.98
35.1
0.07181
34
0.57
155.6
1.5
0.71
150.5
2.76
29.2
0.07569
32
0.58
152.9
1.6
0.72
144.1
2.56
23.6
0.07941
29.7
0.59
149.4
1.8
0.74
132.2
2.22
12.6
0.08684
24.8
0.62
143.2
2
0.76
121.4
1.94
2.1
0.09377
19.7
0.65
137
2.2
0.78
111.5
1.7
-7.9
0.0998
14.6
0.68
130.9
2.4
0.8
102.5
1.49
-17.4
0.10532
9.4
0.7
124.7
2.5
0.81
98
1.39
-21.9
0.1076
6.7
0.71
121.1
3
0.85
79.2
1.01
-42.1
0.11638
-6
0.76
105.6
3.5
0.87
64
0.75
-58.1
0.12148
-17.2
0.8
91.4
4
0.89
51.4
0.59
-70.6
0.12571
-27.3
0.84
78.2
4.5
0.9
39.8
0.48
-82.2
0.12914
-37.2
0.86
65.6
5
0.92
29
0.41
-93.1
0.13429
-47
0.88
53.1
5.5
0.92
18.4
0.35
-103.4
0.13892
-57
0.9
40.3
6
0.92
8.3
0.31
-112.4
0.14142
-66.8
0.91
27


Similar Part No. - CLY5

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CLY5 TRIQUINT-CLY5 Datasheet
239Kb / 9P
   High Power GaAs
CLY5 TRIQUINT-CLY5_15 Datasheet
239Kb / 9P
   High Power GaAs
More results

Similar Description - CLY5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
logo
Analog Devices
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
   GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
Rev. 0
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com