Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLY5 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # CLY5
Description  GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY5 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  CLY5 Datasheet HTML 1Page - Siemens Semiconductor Group CLY5 Datasheet HTML 2Page - Siemens Semiconductor Group CLY5 Datasheet HTML 3Page - Siemens Semiconductor Group CLY5 Datasheet HTML 4Page - Siemens Semiconductor Group CLY5 Datasheet HTML 5Page - Siemens Semiconductor Group CLY5 Datasheet HTML 6Page - Siemens Semiconductor Group CLY5 Datasheet HTML 7Page - Siemens Semiconductor Group CLY5 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GaAs FET
CLY 5
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 2/8
17.12.96
HL EH PD21
Electrical characteristics (TA = 25°C , unless otherwise specified)
Characteristics
Symbol
min
typ
max
Unit
Drain-source saturation current
VDS = 3 V
VGS = 0 V
IDSS
600
800
1200
mA
Drain-source pinch-off current
VDS = 3 V
VGS = -3.8 V
ID
-
10
100
µA
Gate pinch-off current
VDS = 3 V
VGS = -3.8 V
IG
-5
20
µA
Pinch-off Voltage
VDS= 3 V
ID=100µA
VGS(p)
-3.8
-2.8
-1.8
V
Small Signal Gain*)
VDS = 3 V
ID = 350 mA
f = 1.8 GHz
Pin = 0 dBm
G
10.5
11.0
-
dB
Small Signal Gain*)
VDS = 5 V
ID = 350 mA
f = 1.8 GHz
Pin = 0 dBm
G
11.5
12.0
-
dB
Small Signal Gain **)
VDS = 3 V
ID = 350 mA
f = 1.8 GHz
Pin = 0 dBm
Gp
9.0
9.5
-
dB
Output Power
VDS = 3 V
ID = 350 mA
f = 1.8 GHz
Pin = 19 dBm
Po
26.5
27
-
dBm
Output Power
VDS = 5 V
ID = 350 mA
f = 1.8 GHz
Pin = 21 dBm
Po
29.5
30
-
dBm
1dB-Compression Point
VDS = 3 V
ID = 350 mA
f = 1.8 GHz
P1dB
-
26.5
-
dBm
1dB-Compression Point
VDS = 5 V
ID = 350 mA
f = 1.8GHz
P1dB
-
30
-
dBm
Power Added Efficiency
VDS = 5 V
ID = 350 mA
f = 1.8 GHz
Pin = 21 dBm
PAE
40
55
-
%
*) Matching conditions for maximum small signal gain (not identical with power matching conditions!)
**) Power matching conditions: f=1.8GHz:
Source Match:
Γ
ms : MAG 0.58; ANG -143°;
Load Match:
Γ
ml : MAG 0.76; ANG -116°


Similar Part No. - CLY5

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CLY5 TRIQUINT-CLY5 Datasheet
239Kb / 9P
   High Power GaAs
CLY5 TRIQUINT-CLY5_15 Datasheet
239Kb / 9P
   High Power GaAs
More results

Similar Description - CLY5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
logo
Analog Devices
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
   GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
Rev. 0
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com