Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLY5 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # CLY5
Description  GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY5 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  CLY5 Datasheet HTML 1Page - Siemens Semiconductor Group CLY5 Datasheet HTML 2Page - Siemens Semiconductor Group CLY5 Datasheet HTML 3Page - Siemens Semiconductor Group CLY5 Datasheet HTML 4Page - Siemens Semiconductor Group CLY5 Datasheet HTML 5Page - Siemens Semiconductor Group CLY5 Datasheet HTML 6Page - Siemens Semiconductor Group CLY5 Datasheet HTML 7Page - Siemens Semiconductor Group CLY5 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GaAs FET
CLY 5
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/8
17.12.96
HL EH PD21
typ. Common Source S-Parameters
VDS = 5 V
ID = 350 mA
Zo = 50 Ω
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.98
-26.3
13.02
160.1 0.00906
79.1
0.15
-153.9
0.15
0.95
-38.8
12.58
150.7 0.01326
73.7
0.17
-148.4
0.2
0.92
-50.8
11.98
141.9 0.01702
69.3
0.2
-148.5
0.25
0.89
-62.1
11.34
133.7 0.02026
65.6
0.23
-149.9
0.3
0.86
-72.6
10.68
126.1 0.02304
61.8
0.26
-150.6
0.4
0.8
-91.7
9.39
112.4 0.02771
57
0.29
-155.5
0.5
0.76
-108.3
8.24
100.6 0.03151
53.4
0.33
-159.4
0.6
0.72
-122.9
7.27
90.2
0.0348
51.2
0.35
-164.1
0.7
0.7
-135.9
6.45
80.9 0.03798
49.7
0.37
-167.6
0.8
0.69
-147.6
5.77
72.4 0.04099
48.8
0.4
-171.3
0.9
0.68
-158.1
5.2
64.5 0.04435
47.9
0.41
-174.9
1
0.68
-167.7
4.7
57 0.04784
47.1
0.44
-177.8
1.2
0.68
175.3
3.92
43 0.05543
45.2
0.47
175.4
1.4
0.7
160.4
3.31
30.1 0.06413
42.2
0.51
168.7
1.5
0.71
153.6
3.06
24 0.06865
40.6
0.54
165.5
1.6
0.72
147.1
2.83
17.9 0.07318
38.5
0.55
161.7
1.8
0.75
135
2.43
6.2 0.08237
33.7
0.6
154.6
2
0.77
123.9
2.1
-5 0.09121
28.3
0.64
147.5
2.2
0.8
113.7
1.82
-15.6 0.09917
22.5
0.67
140.4
2.4
0.82
104.3
1.58
-25.7 0.10617
16.7
0.7
133.3
2.5
0.83
99.7
1.47
-30.4 0.10916
13.6
0.72
129.1
3
0.87
80.1
1.02
-51.4 0.12055
-0.8
0.78
111.6
3.5
0.89
64.4
0.74
-67.4 0.12631
-13.4
0.83
95.8
4
0.91
51.5
0.56
-79.4 0.13053
-24.5
0.86
81.3
4.5
0.92
39.6
0.45
-90.2 0.13384
-35
0.88
67.9
5
0.93
28.8
0.37
-100 0.13894
-45.2
0.91
54.9
5.5
0.93
18.1
0.31
-109.2
0.1434
-55.5
0.92
41.7
6
0.93
8
0.27
-117.1 0.14538
-65.6
0.92
28
Additional S-Parameter available on CD


Similar Part No. - CLY5

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CLY5 TRIQUINT-CLY5 Datasheet
239Kb / 9P
   High Power GaAs
CLY5 TRIQUINT-CLY5_15 Datasheet
239Kb / 9P
   High Power GaAs
More results

Similar Description - CLY5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
logo
Analog Devices
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
   GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
Rev. 0
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com