Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLY2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # CLY2
Description  GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  CLY2 Datasheet HTML 1Page - Siemens Semiconductor Group CLY2 Datasheet HTML 2Page - Siemens Semiconductor Group CLY2 Datasheet HTML 3Page - Siemens Semiconductor Group CLY2 Datasheet HTML 4Page - Siemens Semiconductor Group CLY2 Datasheet HTML 5Page - Siemens Semiconductor Group CLY2 Datasheet HTML 6Page - Siemens Semiconductor Group CLY2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GaAs FET
CLY 2
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 7/77
17.12.96
HL EH PD 21
CLY2 Power GaAs-FET Matching Conditions
Definition:
ΓΓ
Measured Data:
Typ
f
[GHz]
VDS
[V]
ID
[mA]
P-1dB
[dBm]
Gain
[dB]
Γms
MAG
Γms
ANG
Γml
MAG
Γml
ANG
CLY2
0.9
3
175
22.8
15.7
0.49
75
0.42
-165
5
175
25.8
16.5
0.52
75
0.22
-172
6
175
26.9
16.9
0.50
76
0.21
-156
1.5
5
175
25.8
16.1
0.68
106
0.42
143
6
175
26.9
16.9
0.76
113
0.34
139
1.8
2
175
19.0
15.0
0.75
130
0.52
-171
3
175
22.8
15.4
0.70
125
0.45
-172
4
175
24.5
15.6
0.75
131
0.41
166
5
175
25.8
15.7
0.72
131
0.38
163
6
175
26.8
16.0
0.72
135
0.35
155
2.4
3
175
21.5
13.0
0.70
158
0.46
-179
5
175
26.1
13.0
0.67
152
0.36
-178
Note: Gain is small signal gain @
Γms and Γml


Similar Part No. - CLY2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY29-00 INFINEON-CLY29-00 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY29-05 INFINEON-CLY29-05 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY29-10 INFINEON-CLY29-10 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
logo
TriQuint Semiconductor
CLY2 TRIQUINT-CLY2_15 Datasheet
109Kb / 8P
   High-Power Packaged GaAs FET
More results

Similar Description - CLY2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
ST50V10200 STMICROELECTRONICS-ST50V10200 Datasheet
326Kb / 8P
   RF power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
   System LED Drivers for Mobile Phones
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com