Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLY15 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # CLY15
Description  GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY15 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  CLY15 Datasheet HTML 1Page - Siemens Semiconductor Group CLY15 Datasheet HTML 2Page - Siemens Semiconductor Group CLY15 Datasheet HTML 3Page - Siemens Semiconductor Group CLY15 Datasheet HTML 4Page - Siemens Semiconductor Group CLY15 Datasheet HTML 5Page - Siemens Semiconductor Group CLY15 Datasheet HTML 6Page - Siemens Semiconductor Group CLY15 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaAs FET
CLY 15
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/7
09/96
HL EH PD 21
typ. Common Source S-Parameter
VDS = 3V ID=1.4A
Zo=50Ω
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG ANG
MAG
ANG
MAG
ANG
0.200
0.91
-150.9
5.69
99.7
0.01
48.5
0.90
176.0
0.250
0.91
-160.6
4.63
93.5
0.02
45.9
0.87
173.8
0.300
0.90
-167.9
3.89
88.7
0.02
46.8
0.88
171.8
0.350
0.90
-173.7
3.34
84.6
0.02
47.4
0.87
170.8
0.400
0.90
-178.7
2.92
80.9
0.02
47.5
0.87
168.8
0.450
0.90
176.9
2.60
77.5
0.02
47.6
0.87
167.3
0.500
0.90
173.0
2.34
74.6
0.02
48.1
0.87
165.8
0.550
0.90
169.5
2.12
71.4
0.02
47.7
0.87
164.2
0.600
0.90
166.1
1.95
68.7
0.03
47.0
0.87
162.8
0.650
0.90
163.1
1.79
66.1
0.03
47.1
0.87
161.2
0.700
0.90
160.0
1.66
63.5
0.03
46.6
0.87
159.7
0.750
0.90
157.2
1.54
60.9
0.03
45.6
0.87
158.3
0.800
0.90
154.6
1.45
58.6
0.03
45.0
0.87
156.9
0.850
0.90
152.0
1.36
56.1
0.03
43.9
0.87
155.6
0.900
0.90
149.3
1.28
53.8
0.04
43.0
0.87
154.0
0.950
0.90
146.9
1.21
51.5
0.04
41.9
0.87
152.6
1.000
0.90
144.5
1.15
49.0
0.04
41.0
0.87
151.3
1.200
0.91
135.2
0.95
40.3
0.05
36.1
0.87
145.8
1.400
0.91
126.7
0.81
31.8
0.05
31.9
0.88
140.1
1.600
0.92
118.5
0.70
23.8
0.06
26.1
0.88
134.7
1.800
0.92
110.6
0.61
16.3
0.06
20.8
0.88
129.7
2.000
0.93
103.2
0.55
8.7
0.06
15.6
0.89
124.3
2.200
0.93
96.3
0.49
2.1
0.07
10.4
0.88
119.1
2.400
0.93
89.3
0.44
-4.1
0.07
5.2
0.90
114.4
2.600
0.94
82.8
0.40
-10.0
0.07
0.2
0.90
109.3
2.800
0.94
77.0
0.37
-14.9
0.07
-4.2
0.90
104.5
3.000
0.94
71.3
0.34
-19.6
0.08
-9.7
0.91
99.8
3.200
0.93
66.0
0.32
-23.4
0.08
-15.0 0.92
95.1
3.400
0.92
61.6
0.31
-26.8
0.08
-19.4 0.93
90.8
3.600
0.91
57.3
0.30
-29.7
0.07
-23.7 0.92
87.0
3.800
0.90
53.1
0.31
-33.1
0.07
-28.1 0.93
83.1
4.000
0.89
49.2
0.32
-38.1
0.07
-31.9 0.93
79.8
4.200
0.86
46.4
0.34
-44.9
0.07
-35.4 0.92
76.4
4.400
0.83
44.7
0.36
-55.4
0.07
-37.5 0.92
73.4
4.600
0.89
44.2
0.07
-36.2
0.07
-38.1 0.92
71.0
4.800
0.83
43.7
0.34
-80.6
0.07
-39.4 0.92
68.2
5.000
0.85
42.2
0.30
-92.1
0.07
-40.3 0.92
65.2
5.200
0.88
39.4
0.27
-100.8
0.07
-42.5 0.92
62.2
5.400
0.89
36.5
0.24
-107.8
0.07
-45.0 0.92
58.7
5.600
0.90
33.1
0.22
-113.6
0.07
-48.6 0.92
55.7
5.800
0.91
29.6
0.19
-118.9
0.07
-51.4 0.92
52.1
6.000
0.92
26.4
0.18
-124.4
0.07
-54.4 0.92
48.0


Similar Part No. - CLY15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
More results

Similar Description - CLY15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY10 SIEMENS-CLY10 Datasheet
73Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
logo
Analog Devices
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
   GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
Rev. 0
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com