Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLY10 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # CLY10
Description  GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY10 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  CLY10 Datasheet HTML 1Page - Siemens Semiconductor Group CLY10 Datasheet HTML 2Page - Siemens Semiconductor Group CLY10 Datasheet HTML 3Page - Siemens Semiconductor Group CLY10 Datasheet HTML 4Page - Siemens Semiconductor Group CLY10 Datasheet HTML 5Page - Siemens Semiconductor Group CLY10 Datasheet HTML 6Page - Siemens Semiconductor Group CLY10 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GaAs FET
CLY 10
_________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 3/7
17.12.96
HL EH PD 21
Compression Power vs. Drain-Source Voltage
f = 1.8GHz; IDS = 0.5 IDSS
P1dB
η
η
D
0
5
10
15
20
25
30
35
40
[dBm]
01
23
45
6
7
8
0
10
20
30
40
50
60
70
80
[%]
[V]
Drain-Source Voltage
Small Signal Gain
P1dB
0
2
4
6
8
10
12
16
[dB]
01
23
45
6
7
8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
[W]
[V]
Drain-Source Voltage
14
Output Characteristics
Drain-Source Voltage [V]
0
0,2
0,4
0,6
0,8
1
1,2
1,4
1,6
1,8
01
23
456
VGS=0V
VGS=-0.5V
VGS=-1V
VGS=-1.5V
VGS=-2V
VGS=-2.5V
PtotDC


Similar Part No. - CLY10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
More results

Similar Description - CLY10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
logo
Analog Devices
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
   GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
Rev. 0
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com