Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLY10 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # CLY10
Description  GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY10 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  CLY10 Datasheet HTML 1Page - Siemens Semiconductor Group CLY10 Datasheet HTML 2Page - Siemens Semiconductor Group CLY10 Datasheet HTML 3Page - Siemens Semiconductor Group CLY10 Datasheet HTML 4Page - Siemens Semiconductor Group CLY10 Datasheet HTML 5Page - Siemens Semiconductor Group CLY10 Datasheet HTML 6Page - Siemens Semiconductor Group CLY10 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GaAs FET
CLY 10
_________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/7
17.12.96
HL EH PD 21
typ. Common Source S-Parameters
VDS = 5 V
ID = 700 mA
Zo = 50 Ω
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0,1
0,96
-48,5
14,2
150,6
0,01079
68,9
0,45
-171,9
0,15
0,93
-68,8
12,97
137,9
0,01503
60,6
0,47
-171,3
0,2
0,91
-86,4
11,48
127,5
0,01801
54,4
0,5
-173,3
0,25
0,88
-101
10,26
119,1
0,02041
50,1
0,53
-174,5
0,3
0,87
-113,2
9,19
111,4
0,02224
45,9
0,55
-175,6
0,4
0,84
-132,9
7,43
99,4
0,02486
41,7
0,56
-179,8
0,5
0,83
-147,7
6,17
89,4
0,02691
39,1
0,58
177,5
0,6
0,82
-159,5
5,25
81,2
0,02894
37,6
0,59
173,8
0,7
0,82
-169,4
4,54
73,9
0,03078
36,7
0,6
171,4
0,8
0,81
-177,9
3,98
67,1
0,03264
35,8
0,61
168,7
0,9
0,82
174,5
3,55
61
0,03469
35
0,61
165,8
1
0,82
167,7
3,17
55,1
0,03667
34,4
0,62
163,9
1,2
0,82
155,7
2,62
43,9
0,04065
32,4
0,64
158,8
1,4
0,83
145,1
2,2
33,6
0,04503
29,9
0,65
153,6
1,5
0,84
140,1
2,04
28,7
0,04721
28,8
0,66
151,6
1,6
0,84
135,4
1,88
23,8
0,04917
27,2
0,67
148,5
1,8
0,85
126,3
1,63
14,3
0,05335
23,5
0,69
143,3
2
0,86
118
1,42
5,1
0,05705
19,7
0,71
138,5
2,2
0,87
110,1
1,25
-3,6
0,0602
15,9
0,72
133,8
2,4
0,88
102,8
1,1
-12,2
0,06313
12
0,73
129
2,5
0,88
99,1
1,03
-16,1
0,06448
9,9
0,74
125,9
3
0,9
83,3
0,76
-34,4
0,06956
-0,2
0,77
113,9
3,5
0,91
70,3
0,57
-49
0,07219
-9
0,81
102,8
4
0,91
59,3
0,45
-60,5
0,07429
-17,1
0,83
92,1
4,5
0,92
48,9
0,37
-71,1
0,07489
-25,5
0,85
82,5
5
0,93
39,2
0,31
-81,2
0,07614
-32,9
0,89
72,3
5,5
0,93
29,5
0,26
-90,4
0,07667
-40,9
0,9
61,7
6
0,92
20,6
0,23
-97,9
0,07466
-48,6
0,91
51
Additional S-Parameter available on CD.


Similar Part No. - CLY10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
More results

Similar Description - CLY10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CLY15 SIEMENS-CLY15 Datasheet
59Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY5 SIEMENS-CLY5 Datasheet
86Kb / 8P
   GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
CLY2 SIEMENS-CLY2 Datasheet
51Kb / 7P
   GaAs FET (Power amplifier for mobile phones For frequencies up to 3 GHz)
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
logo
Analog Devices
HMC1126ACEZ AD-HMC1126ACEZ Datasheet
577Kb / 21P
   GaAs, pHEMT, Low Noise Amplifier, 400 MHz to 52 GHz
Rev. 0
logo
Mimix Broadband
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com