Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY98 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # CGY98
Description  GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY98 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  CGY98 Datasheet HTML 1Page - Siemens Semiconductor Group CGY98 Datasheet HTML 2Page - Siemens Semiconductor Group CGY98 Datasheet HTML 3Page - Siemens Semiconductor Group CGY98 Datasheet HTML 4Page - Siemens Semiconductor Group CGY98 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CGY 98
Siemens Aktiengesellschaft
2
12.03.1998
HL HFD PE GaAs
Functional Block Diagram
Pin #
Configuration
1
RFin/VG
RF input power + Gate voltage
2
GND
RF and DC ground
3
VD1
Pos. drain voltage 1st stage
4
RFout/VD2 RF output power / Pos. drain voltage 2nd stage
5
GND
RF and DC ground
GSM-Operation
VD1
VD2
(1)
(3)
(4)
(2,5)
(2,5)
GND
GND
RFin/Vg
RFout /
Semiconductor Group
2
1998-11-01


Similar Part No. - CGY98

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
   GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
More results

Similar Description - CGY98

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY196 SIEMENS-CGY196 Datasheet
192Kb / 15P
   GaAs MMIC (Broadband Power Amplifier [ 800..3500 Mhz ] DECT,PHS,PCS,GSM,AMPS,WLAN,WLL Single Voltage Supply)
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8 Datasheet
169Kb / 6P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
   GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
logo
Tyco Electronics
MAAM-007865-0P1R00 MACOM-MAAM-007865-0P1R00 Datasheet
345Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com