Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY98 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # CGY98
Description  GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY98 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  CGY98 Datasheet HTML 1Page - Siemens Semiconductor Group CGY98 Datasheet HTML 2Page - Siemens Semiconductor Group CGY98 Datasheet HTML 3Page - Siemens Semiconductor Group CGY98 Datasheet HTML 4Page - Siemens Semiconductor Group CGY98 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CGY 98
Siemens Aktiengesellschaft
1
12.03.1998
HL HFD PE GaAs
GaAs MMIC
l
Broadband Power Amplifier [ 800..2000 Mhz ]
l
GSM,AMPS or PCN
l
Operating voltage range: 2.7 to 5.0 V
l
Pout = 35.0dBm at Vd=3.5V
l
Overall power added efficiency 55 %
l
Easy external matching
ESD: Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering code
(taped)
Package
CGY98
t.b.d.
t.b.d.
SCT595
Maximum ratings
Characteristics
Symbol
max. Value
Unit
Positive supply voltage
VD
6V
Supply current stage 1
ID
0.6
A
Supply current stage 2
ID
1.8
A
Channel temperature
TCh
150
°C
Storage temperature
Tstg
-55...+150
°C
Total power dissipation
(Ts < 81 °C)
Ts: Temperature at soldering point
Ptot
2.0
W
Pulse peak power
PPulse
4.0
W
Thermal Resistance
Characteristics
Symbol
max. Value
Unit
Channel-soldering point
RthChS
35
K/W
Semiconductor Group
1
1998-11-01


Similar Part No. - CGY98

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
   GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
More results

Similar Description - CGY98

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY196 SIEMENS-CGY196 Datasheet
192Kb / 15P
   GaAs MMIC (Broadband Power Amplifier [ 800..3500 Mhz ] DECT,PHS,PCS,GSM,AMPS,WLAN,WLL Single Voltage Supply)
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8 Datasheet
169Kb / 6P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
   GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
logo
Tyco Electronics
MAAM-007865-0P1R00 MACOM-MAAM-007865-0P1R00 Datasheet
345Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
   Broadband Driver Amplifier 50 to 2000 MHz
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com