Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY92 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # CGY92
Description  GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY92 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  CGY92 Datasheet HTML 1Page - Siemens Semiconductor Group CGY92 Datasheet HTML 2Page - Siemens Semiconductor Group CGY92 Datasheet HTML 3Page - Siemens Semiconductor Group CGY92 Datasheet HTML 4Page - Siemens Semiconductor Group CGY92 Datasheet HTML 5Page - Siemens Semiconductor Group CGY92 Datasheet HTML 6Page - Siemens Semiconductor Group CGY92 Datasheet HTML 7Page - Siemens Semiconductor Group CGY92 Datasheet HTML 8Page - Siemens Semiconductor Group CGY92 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GaAs MMIC
CGY92
_____________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/14
17.10.95
HL EH PD 21
DC-ID(VG) characteristics - typical values of stage 1, VD=3V
0
0,2
0,4
0,6
0,8
1
1,2
-5
-4,5
-4
-3,5
-3
-2,5
-2
-1,5
-1
-0,5
0
VG [V]
High current
Medium current
Low current
DC-Output characteristics - typical values of stage 1
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
5,5
6
VD [V]
VG=-0.25 V
-0.50 V
-1.50 V
-1.25 V
-1.00 V
-0.75 V
-2.00 V
-1.75 V
-2.25 V
Ptot=1.25 W


Similar Part No. - CGY92

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
GaAs MMIC
03.00
More results

Similar Description - CGY92

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
logo
TriQuint Semiconductor
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
2-Stage AMPS Power Amplifier IC
logo
Tyco Electronics
MAAM26100 MACOM-MAAM26100 Datasheet
193Kb / 2P
Power GaAs MMIC Amplifier 2-6.5GHz
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1_15 Datasheet
553Kb / 3P
GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com