Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY40 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # CGY40
Description  GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY40 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  CGY40 Datasheet HTML 1Page - Siemens Semiconductor Group CGY40 Datasheet HTML 2Page - Siemens Semiconductor Group CGY40 Datasheet HTML 3Page - Siemens Semiconductor Group CGY40 Datasheet HTML 4Page - Siemens Semiconductor Group CGY40 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GaAs MMIC
CGY 40
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 3/5
11.01.1996
HL EH PD 21
Application Circuit ( f = 800 to 1800 MHz )
CGY40
50 Ohm Microstripline
Input
50Ohm
Output
50Ohm
3
2
V
D
1
V
G
1
L
C
C
3
L
2
2
C
C
4
4
1
D
L
3
Legend of components
C
1 , C2
C
3 , C4
Chip capacitors 100 pF
Chip capacitors 1 nF
L
1
For optimized input matching
- discrete inductor: approx. 3nH, or
- printed microstripline inductor: Z approx. 100
Ω,
l
e
approx. 5 mm
L
2, L3
- discrete inductor: approx. 40 nH, as e.g. 5 turns 0.25 mm copper
wire on nylon rod with M3-thread, or
- printed microstripline inductor
D
Z diode 5.6 V ( type BZW 22 C5 V 6 )


Similar Part No. - CGY40

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CGY41 INFINEON-CGY41 Datasheet
555Kb / 7P
   HiRel L- and S-Band GaAs General Purpose Amplifier
CGY41 INFINEON-CGY41 Datasheet
154Kb / 6P
   HiRel L- and S-Band GaAs General Purpose Amplifier
CGY41 INFINEON-CGY41_11 Datasheet
154Kb / 6P
   HiRel L- and S-Band GaAs General Purpose Amplifier
More results

Similar Description - CGY40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
   GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com