Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY40 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # CGY40
Description  GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY40 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  CGY40 Datasheet HTML 1Page - Siemens Semiconductor Group CGY40 Datasheet HTML 2Page - Siemens Semiconductor Group CGY40 Datasheet HTML 3Page - Siemens Semiconductor Group CGY40 Datasheet HTML 4Page - Siemens Semiconductor Group CGY40 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs MMIC
CGY 40
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 1/5
11.01.1996
HL EH PD 21
D a t a s h e e t
* Single-stage monolithic microwave IC ( MMIC-
amplifier )
* Application range: 100 MHz to 3 GHz
* Gain: 9 dB typ. @ 1.6 GHz
* Low noise figure: 2.7 dB typ. @ 1.6 GHz
* Bandwidth: 3 GHz typ. @ -3 dB, VSWR < 2 : 1
* Operating voltage range: 3 to 5.5 V
* Individual current control with neg. gate bias
* Hermetically sealed ceramic stripline package
Cerec-X
ESD:
Electrostatic discharge sensitive device,
observe handling precautions!
Type
Marking
Ordering code
(tape and reel)
Circuit Diagram
(Pin Configuration)
Package 1)
CGY 40
40
Q68000-A4444
Cerec-X
Maximum ratings
Symbol
Value
Unit
Drain-voltage
VD
5.5
V
Current control gate voltage
VG
-3 ... 0
V
Drain-gate voltage
VDG
8.5
V
Input power
PIN
16
dBm
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
-55...+150
°C
Total power dissipation (TS < 82°C) 2)
Ptot
440
mW
Thermal resistance
Channel-soldering point 2)
RthChS
155
K/W
Note: Exceeding any of the max. ratings may cause permanent damage to the device. Appropriate handling is
required to protect the electrostatic sensitive MMIC against degradation due to excess voltage or current spikes.
Proper ground connection of leads 2 and 4 ( with min. inductance ) is required to achieve the guaranteed RF
performance, stable operating conditions and adequate cooling.
1) Dimensions see chapter Package Outlines
2) Ts is measured on the source lead at the soldering point to the PCB.


Similar Part No. - CGY40

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CGY41 INFINEON-CGY41 Datasheet
555Kb / 7P
   HiRel L- and S-Band GaAs General Purpose Amplifier
CGY41 INFINEON-CGY41 Datasheet
154Kb / 6P
   HiRel L- and S-Band GaAs General Purpose Amplifier
CGY41 INFINEON-CGY41_11 Datasheet
154Kb / 6P
   HiRel L- and S-Band GaAs General Purpose Amplifier
More results

Similar Description - CGY40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
   GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com