Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY40 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # CGY40
Description  GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY40 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  CGY40 Datasheet HTML 1Page - Siemens Semiconductor Group CGY40 Datasheet HTML 2Page - Siemens Semiconductor Group CGY40 Datasheet HTML 3Page - Siemens Semiconductor Group CGY40 Datasheet HTML 4Page - Siemens Semiconductor Group CGY40 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GaAs MMIC
CGY 40
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 5/5
11.01.1996
HL EH PD 21
Typical Common Source S-Parameters
VG = 0V
VD = 4.5 V
Z
0 = 50 Ω
f
S11
S21
S12
S22
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.2
0.20
-47
3.32
165
0.14
2
0.09
-150
0.4
0.16
-49
3.24
158
0.14
-2
0.09
148
0.6
0.15
-60
3.17
149
0.14
-6
0.11
117
0.8
0.16
-72
3.09
141
0.14
-8
0.13
97
1.0
0.15
-87
3.02
132
0.13
-10
0.16
84
1.2
0.14
-105
2.95
124
0.13
-12
0.19
76
1.4
0.15
-124
2.88
116
0.13
-13
0.21
68
1.6
0.15
-139
2.82
107
0.12
-14
0.22
60
1.8
0.16
-151
2.75
100
0.12
-15
0.24
54
2.0
0.17
-166
2.69
93
0.11
-15
0.25
48
2.2
0.18
-176
2.62
86
0.11
-15
0.26
41
2.4
0.21
173
2.56
80
0.11
-14
0.27
37
2.6
0.21
163
2.48
73
0.11
-14
0.27
32
2.8
0.23
154
2.40
67
0.11
-14
0.27
28
3.0
0.24
146
2.32
61
0.11
-13
0.27
24
3.2
0.26
140
2.24
55
0.11
-12
0.27
20
3.4
0.29
136
2.15
51
0.11
-14
0.26
18
3.6
0.31
127
2.05
44
0.11
-12
0.25
17
3.8
0.32
123
1.94
39
0.11
-11
0.24
14
4.0
0.34
118
1.83
34
0.11
-11
0.23
10
4.2
0.36
115
1.80
29
0.11
-11
0.22
6


Similar Part No. - CGY40

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CGY41 INFINEON-CGY41 Datasheet
555Kb / 7P
HiRel L- and S-Band GaAs General Purpose Amplifier
CGY41 INFINEON-CGY41 Datasheet
154Kb / 6P
HiRel L- and S-Band GaAs General Purpose Amplifier
CGY41 INFINEON-CGY41_11 Datasheet
154Kb / 6P
HiRel L- and S-Band GaAs General Purpose Amplifier
More results

Similar Description - CGY40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
GaAs Monolithic Microwave IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com