Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY196 Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # CGY196
Description  GaAs MMIC (Broadband Power Amplifier [ 800..3500 Mhz ] DECT,PHS,PCS,GSM,AMPS,WLAN,WLL Single Voltage Supply)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY196 Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button CGY196 Datasheet HTML 7Page - Siemens Semiconductor Group CGY196 Datasheet HTML 8Page - Siemens Semiconductor Group CGY196 Datasheet HTML 9Page - Siemens Semiconductor Group CGY196 Datasheet HTML 10Page - Siemens Semiconductor Group CGY196 Datasheet HTML 11Page - Siemens Semiconductor Group CGY196 Datasheet HTML 12Page - Siemens Semiconductor Group CGY196 Datasheet HTML 13Page - Siemens Semiconductor Group CGY196 Datasheet HTML 14Page - Siemens Semiconductor Group CGY196 Datasheet HTML 15Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
CGY 196
Siemens Aktiengesellschaft
15
16.6.1998
HL HF PE GaAs
Published by Siemens AG, Bereich Halbleiter, Marketing-Kommunikation,
Balanstraße 73, D-81541 München.
copyright Siemens AG 1996. All Rights Reserved.
As far as patents or other rights of third parties are concerned, liability is only assumed for
components per se, not for applications, processes and cirucits implemented within
components or assemblies.
The information describes the type of component and shall not be considered as assured
characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery, and prices please contact the Offices of
Semiconductor Group in Germany or the Siemens Companies and Representatives
worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For
information on the type in question please contact your nearest Siemens Office,
Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
Semiconductor Group
15
1998-11-01


Similar Part No. - CGY196

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY191 SIEMENS-CGY191 Datasheet
191Kb / 11P
   GaAs MMIC (Dual mode power amplifier for CDMA /TDMA portable cellular phones)
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
More results

Similar Description - CGY196

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Advanced Semiconductor ...
AST11L ASB-AST11L Datasheet
488Kb / 7P
   5-3500 MHz MMIC Amplifier
February 2010
ASX420 ASB-ASX420 Datasheet
769Kb / 12P
   250-3500 MHz MMIC Amplifier
September 2011
ASX420 ASB-ASX420_17 Datasheet
1Mb / 14P
   250 ~ 3500 MHz MMIC Amplifier
February 2017
ASL03H ASB-ASL03H Datasheet
652Kb / 11P
   5 ~ 3500 MHz MMIC Amplifier
July 2014
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8 Datasheet
169Kb / 6P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
logo
Fairchild Semiconductor
RMBA19500 FAIRCHILD-RMBA19500 Datasheet
93Kb / 7P
   PCS 2 Watt Linear GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com