Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY196 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # CGY196
Description  GaAs MMIC (Broadband Power Amplifier [ 800..3500 Mhz ] DECT,PHS,PCS,GSM,AMPS,WLAN,WLL Single Voltage Supply)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY196 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button CGY196 Datasheet HTML 6Page - Siemens Semiconductor Group CGY196 Datasheet HTML 7Page - Siemens Semiconductor Group CGY196 Datasheet HTML 8Page - Siemens Semiconductor Group CGY196 Datasheet HTML 9Page - Siemens Semiconductor Group CGY196 Datasheet HTML 10Page - Siemens Semiconductor Group CGY196 Datasheet HTML 11Page - Siemens Semiconductor Group CGY196 Datasheet HTML 12Page - Siemens Semiconductor Group CGY196 Datasheet HTML 13Page - Siemens Semiconductor Group CGY196 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CGY 196
Siemens Aktiengesellschaft
10
16.6.1998
HL HF PE GaAs
Test Board Layout [3.0V DECT-Application f=1.89GHz ]
Semiconductor Group
10
1998-11-01


Similar Part No. - CGY196

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY191 SIEMENS-CGY191 Datasheet
191Kb / 11P
   GaAs MMIC (Dual mode power amplifier for CDMA /TDMA portable cellular phones)
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
More results

Similar Description - CGY196

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Advanced Semiconductor ...
AST11L ASB-AST11L Datasheet
488Kb / 7P
   5-3500 MHz MMIC Amplifier
February 2010
ASX420 ASB-ASX420 Datasheet
769Kb / 12P
   250-3500 MHz MMIC Amplifier
September 2011
ASX420 ASB-ASX420_17 Datasheet
1Mb / 14P
   250 ~ 3500 MHz MMIC Amplifier
February 2017
ASL03H ASB-ASL03H Datasheet
652Kb / 11P
   5 ~ 3500 MHz MMIC Amplifier
July 2014
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8 Datasheet
169Kb / 6P
   GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
logo
Fairchild Semiconductor
RMBA19500 FAIRCHILD-RMBA19500 Datasheet
93Kb / 7P
   PCS 2 Watt Linear GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com