Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515C Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # C515C
Description  8-Bit CMOS Microcontroller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515C Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  C515C Datasheet HTML 1Page - Siemens Semiconductor Group C515C Datasheet HTML 2Page - Siemens Semiconductor Group C515C Datasheet HTML 3Page - Siemens Semiconductor Group C515C Datasheet HTML 4Page - Siemens Semiconductor Group C515C Datasheet HTML 5Page - Siemens Semiconductor Group C515C Datasheet HTML 6Page - Siemens Semiconductor Group C515C Datasheet HTML 7Page - Siemens Semiconductor Group C515C Datasheet HTML 8Page - Siemens Semiconductor Group C515C Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
C515C
Semiconductor Group
4
1997-07-01
Features (continued) :
10-bit A/D converter with multiplexed inputs and built-in self calibration
Full duplex serial interface with programmable baudrate generator (USART)
SSC synchronous serial interface (SPI compatible)
– Master and slave capable
– Programmable clock polarity / clock-edge to data phase relation
– LSB/MSB first selectable
– 2.5 MHz transfer rate at 10 MHz operating frequency
Seventeen interrupt vectors, at four priority levels selectable
Extended watchdog facilities
– 15-bit programmable watchdog timer
– Oscillator watchdog
Power saving modes
– Slow-down mode
– Idle mode (can be combined with slow-down mode)
– Software power-down mode with wake-up capability through INT0 pin
– Hardware power-down mode
CPU running condition output pin
ALE can be switched off
Multiple separate VCC/VSS pin pairs
P-MQFP-80-1 package
Temperature Ranges :
SAB-C515C-8R
T
A = 0 to 70 °C
SAF-C515C-8R
T
A = -40 to 85 °C
SAH-C515C-8R
T
A = -40 to 110 °C
The C515C is an enhanced, upgraded version of the SAB 80C515A 8-bit microcontroller which
additionally provides a full CAN interface, a SPI compatible synchronous serial interface, extended
power save provisions, additional on-chip RAM, 64K of on-chip program memory, two new external
interrupts and RFI related improvements. With a maximum external clock rate of 10 MHz it achieves
a 600 ns instruction cycle time (1
µs at 6 MHz). The C515C is mounted in a P-MQFP-80 package.
Note: Versions for extended temperature ranges – 40
°C to 110 °C (SAH-C515C-LM and SAH-
C515C-8RM) are available on request. The ordering number of ROM types (DXXXX
extensions) is defined after program release (verification) of the customer.
Ordering Information
Type
Ordering Code
Package
Description
(8-Bit CMOS microcontroller)
SAB-C515C-LM
Q67121-C1066
P-MQFP-80-1 for external memory (10 MHz)
SAF-C515C-LM
Q67121-C1058
P-MQFP-80-1 for external memory (10 MHz)
ext. temp. – 40
°C to 85 °C
SAB-C515C-8RM
Q67121-DXXXX P-MQFP-80-1 with mask programmable ROM (10 MHz)
SAF-C515C-8RM
Q67121-DXXXX P-MQFP-80-1 with mask programmable ROM (10 MHz)
ext. temp. – 40
°C to 85 °C


Similar Part No. - C515C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C515C INFINEON-C515C Datasheet
1Mb / 96P
   8-Bit Single-Chip Microcontroller
Feb. 2003
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
C515C-8E SIEMENS-C515C-8E Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515C-8EM INFINEON-C515C-8EM Datasheet
1Mb / 96P
   8-Bit Single-Chip Microcontroller
Feb. 2003
logo
Siemens Semiconductor G...
C515C-8R SIEMENS-C515C-8R Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
More results

Similar Description - C515C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com