Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515C Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # C515C
Description  8-Bit CMOS Microcontroller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515C Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button C515C Datasheet HTML 6Page - Siemens Semiconductor Group C515C Datasheet HTML 7Page - Siemens Semiconductor Group C515C Datasheet HTML 8Page - Siemens Semiconductor Group C515C Datasheet HTML 9Page - Siemens Semiconductor Group C515C Datasheet HTML 10Page - Siemens Semiconductor Group C515C Datasheet HTML 11Page - Siemens Semiconductor Group C515C Datasheet HTML 12Page - Siemens Semiconductor Group C515C Datasheet HTML 13Page - Siemens Semiconductor Group C515C Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
C515C
Semiconductor Group
10
1997-07-01
XTAL2
36
I
XTAL2
Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
To drive the device from an external clock source, XTAL2
should be driven, while XTAL1 is left unconnected.
Minimum and maximum high and low times as well as
rise/fall times specified in the AC characteristics must be
observed.
XTAL1
37
O
XTAL1
Output of the inverting oscillator amplifier.
P2.0-P2.7
38-45
I/O
Port 2
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 2 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 2 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
Port 2 emits the high-order address byte during fetches
from external program memory and during accesses to
external data memory that use 16-bit addresses
(MOVX @DPTR). In this application it uses strong
internal pullup resistors when issuing 1's. During
accesses to external data memory that use 8-bit
addresses (MOVX @Ri), port 2 issues the contents of
the P2 special function register.
CPUR
46
O
CPU running condition
This output pin is at low level when the CPU is running
and program fetches or data accesses in the external
data memory area are executed. In idle mode, hardware
and software power down mode, and with an active
RESET signal CPUR is set to high level.
CPUR can be typically used for switching external
memory devices into power saving modes.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*)
Function
P-MQFP-80


Similar Part No. - C515C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C515C INFINEON-C515C Datasheet
1Mb / 96P
   8-Bit Single-Chip Microcontroller
Feb. 2003
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
C515C-8E SIEMENS-C515C-8E Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515C-8EM INFINEON-C515C-8EM Datasheet
1Mb / 96P
   8-Bit Single-Chip Microcontroller
Feb. 2003
logo
Siemens Semiconductor G...
C515C-8R SIEMENS-C515C-8R Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
More results

Similar Description - C515C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com