Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515C Datasheet(PDF) 60 Page - Siemens Semiconductor Group

Part # C515C
Description  8-Bit CMOS Microcontroller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515C Datasheet(HTML) 60 Page - Siemens Semiconductor Group

Back Button C515C Datasheet HTML 56Page - Siemens Semiconductor Group C515C Datasheet HTML 57Page - Siemens Semiconductor Group C515C Datasheet HTML 58Page - Siemens Semiconductor Group C515C Datasheet HTML 59Page - Siemens Semiconductor Group C515C Datasheet HTML 60Page - Siemens Semiconductor Group C515C Datasheet HTML 61Page - Siemens Semiconductor Group C515C Datasheet HTML 62Page - Siemens Semiconductor Group C515C Datasheet HTML 63Page - Siemens Semiconductor Group C515C Datasheet HTML 64Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
C515C
Semiconductor Group
60
1997-07-01
AC Characteristics
V
CC = 5 V + 10%, – 15%; VSS = 0 V
T
A = 0 to 70 °C
for the SAB-C515C-8R
T
A = – 40 to 85 °C
for the SAF-C515C-8R
T
A = – 40 to 110 °C
for the SAH-C515C-8R
(
C
L for port 0, ALE and PSEN outputs = 100 pF; CL for all other outputs = 80 pF)
Program Memory Characteristics
*)
Interfacing the C515C to devices with float times up to 35 ns is permissible. This limited bus contention will not
cause any damage to port 0 drivers.
Parameter
Symbol
Limit Values
Unit
10-MHz clock
Duty Cycle
0.4 to 0.6
Variable Clock
1/CLP = 2 MHz to
10 MHz
min.
max.
min.
max.
ALE pulse width
t
LHLL
60
CLP - 40
ns
Address setup to ALE
t
AVLL
15
TCLHmin -25 –
ns
Address hold after ALE
t
LLAX
15
TCLHmin -25 –
ns
ALE to valid instruction in
t
LLIV
113
2 CLP - 87
ns
ALE to PSEN
t
LLPL
20
TCLLmin -20 –
ns
PSEN pulse width
t
PLPH
115
CLP+
TCLHmin -30
–ns
PSEN to valid instruction in
t
PLIV
75
CLP+
TCLHmin- 65
ns
Input instruction hold after PSEN
t
PXIX
0
0–ns
Input instruction float after PSEN
t
PXIZ
*)
30
TCLLmin -10 ns
Address valid after PSEN
t
PXAV
*)
35
TCLLmin - 5
ns
Address to valid instruction in
t
AVIV
180
2 CLP +
TCLHmin -60
ns
Address float to PSEN
t
AZPL
0
0–ns


Similar Part No. - C515C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C515C INFINEON-C515C Datasheet
1Mb / 96P
   8-Bit Single-Chip Microcontroller
Feb. 2003
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
C515C-8E SIEMENS-C515C-8E Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515C-8EM INFINEON-C515C-8EM Datasheet
1Mb / 96P
   8-Bit Single-Chip Microcontroller
Feb. 2003
logo
Siemens Semiconductor G...
C515C-8R SIEMENS-C515C-8R Datasheet
1Mb / 268P
   8-Bit CMOS Microcontroller
More results

Similar Description - C515C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com