Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFY3P02 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFY3P02
Description  TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFY3P02 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFY3P02 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WFY3P02
WFY3P02
WFY3P02
WFY3P02
3 /5
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Fig.
Fig.
Fig.
Fig. 1
1
1
1 On-State
On-State
On-State
On-State Characteristics
Characteristics
Characteristics
Characteristics
Fig.2
Fig.2
Fig.2
Fig.2 T
T
T
Trrrra
a
a
ansfer
nsfer
nsfer
nsfer Current
Current
Current
Current Characteristics
Characteristics
Characteristics
Characteristics
Fig.3
Fig.3
Fig.3
Fig.3 On
On
On
On−
−Resistance
Resistance
Resistance
Resistance vs.
vs.
vs.
vs. Drain
Drain
Drain
Drain Current
Current
Current
Current and
and
and
and
T
T
T
Te
e
e
emperature
mperature
mperature
mperature
Fig.5
Fig.5
Fig.5
Fig.5 On-Resistance
On-Resistance
On-Resistance
On-Resistance V
V
V
Va
a
a
ariation
riation
riation
riation vs
vs
vs
vs Junction
Junction
Junction
Junction
T
T
T
Te
e
e
emperature
mperature
mperature
mperature
Fig.4
Fig.4
Fig.4
Fig.4 Diode
Diode
Diode
Diode For
For
For
Forw
w
w
wa
a
a
ard
rd
rd
rd V
V
V
Vo
o
o
oltage
ltage
ltage
ltage vs.
vs.
vs.
vs. Current
Current
Current
Current
Fig.6
Fig.6
Fig.6
Fig.6 Gate
Gate
Gate
Gate Charge
Charge
Charge
Charge Characteristics
Characteristics
Characteristics
Characteristics


Similar Part No. - WFY3P02

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WFY3P02 VBSEMI-WFY3P02 Datasheet
482Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - WFY3P02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
??0 V, ??.3 A, P?묬hannel SOT??3 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com