Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFY3P02 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFY3P02
Description  TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFY3P02 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFY3P02 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WFY3P02
WFY3P02
WFY3P02
WFY3P02
2 /5
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Continuous drain reverse current
IDR
-
-
-
-2.4
A
Pulse drain reverse current
IDRP
-
-
-
-7.5
A
Forward voltage (diode)
VDSF
IDR = -2.4A, VGS = 0 V
-
-0.82
-1.2
V
Reverse recovery time
trr
IDR = -2.4A,
VGS = 0 V,
dIDR / dt = 100 A / μs
-
12.8
15
ns
Charge Time
ta
9.9
ns
Discharge Time
tb
3.0
ns
Reverse recovery charge
Qrr
-
1008
-
μC
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Gate leakage current(Note 4)
IGSS
VGS = ±8 V, VDS = 0 V
-
-
±100
nA
Drain cut−off current(Note 4)
IDSS
VDS = -16 V, VGS = 0 V
-
-
-1
μA
Drain−source breakdown voltage
V(BR)DSS
ID = -250 μA, VGS = 0 V
-20
-
-
V
Gate threshold voltage
VGS(th)
VDS = VDS ID =-250 μA
-0.40
-0.72
-1.5
V
Drain−source ON resistance
RDS(ON)
VGS = −4.5 V, ID = −1.6 A
-
70
85
mΩ
VGS = −2.5 V, ID = −1.3 A
90
120
VGS = −1.8 V, ID = −0.9 A
112
200
Forward Transconductance
gfs
VDS = −5.0 V, ID = −2.3 A
-
75
-
S
Input capacitance
Ciss
VDS = -10 V,
VGS = 0 V,
f = 1 MHz
-
675
-
pF
Reverse transfer capacitance
Crss
-
75
-
Output capacitance
Coss
-
100
-
Switching time
(Note 5)
Rise time
tr
V
GS = −4.5 V,
V
DS = −10 V,
ID = −1.6 A,
R
G = 6.0 Ω
-
12.6
-
ns
Turn−on time
ton
-
7.5
-
Fall time
tf
-
21.0
-
Turn−off time
toff
-
30.2
-
Total gate charge (gate−source plus
gate−drain)
Qg
V
GS = −4.5 V,
V
DS = −10 V,
I
D = −1.6 A
-
7.5
8.5
nC
Gate−source charge
Qgs
-
1.2
-
Gate−drain (“miller”) Charge
Qgd
-
2.2
-
Reverse Recovery Charge
RG
-
6.5
-
Ω
Source−Drain Ratings and Characteristics (Ta = 25°C)
Note 4: Pulse Test: Pulse Width ≤300μs, Duty Cycle 3 2%.
Note 5: Switching characteristics are independent of operating junction temperature.
This transistor is an electrostatic sensitive device
Please handle with caution


Similar Part No. - WFY3P02

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WFY3P02 VBSEMI-WFY3P02 Datasheet
482Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - WFY3P02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
??0 V, ??.3 A, P?묬hannel SOT??3 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com