Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFY3P02 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFY3P02
Description  TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFY3P02 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFY3P02 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFY3P02 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WFY3P02
WFY3P02
WFY3P02
WFY3P02
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
T
T
T
Trench
rench
rench
rench Power
Power
Power
Power MOSFET
MOSFET
MOSFET
MOSFET
−20
20
20
20 V
V
V
V,,,, Si
Si
Si
Sin
n
n
ngle
gle
gle
gle P
P
P
P−
−Channel,
Channel,
Channel,
Channel, SO
SO
SO
SOT
T
T
T−
−23
23
23
23
Features
■ -3.2A, -20V, RDS(on)(Max 85mΩ)@VGS=-4.5V
■ −1.5 V Rated for Low Voltage Gate Drive
■ SOT-23 Surface Mount for Small Footprint
■ Single Pulse Avalanche Energy Rated
■ Halogen-free
General Description
This Power MOSFET is produced using Winsemi’s advanced
MOS technology. This latest technology has been especially
designed to minimize on-state resistance, have a high rugged
avalanche characteristics. This devices is specially well suited for
Load/Power
Management
for
Portables
and
Computing,
Charging Circuits and Battery Protection
Absolute Maximum Ratings
D
D
D
D
G
G
G
G
S
S
S
S
SO
SO
SO
SOT
T
T
T----23
23
23
23
Marking : P02YM
Y :year ,M :months
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
-20
V
ID
Continuous Drain Current(Note 1)
Steady State
Tc=25
−2.4
A
Tc=85℃
-1.7
t≤10s
Tc=25
-3.2
PD
Total Power Dissipation(Note 1)
Steady State
Tc=25
0.73
W
t≤10s
1.25
ID
Continuous Drain Current(Note 2)
Steady State
Tc=25℃
-1.8
A
Tc=85
-1.3
PD
Total Power Dissipation(Note 2)
Tc=25℃
0.42
W
IDM
Drain Current Pulsed
t=10s
-7.5
A
VGS
Gate to Source Voltage
±8
V
ESD
ESD Capability (Note 3)
C=100pF,RS = 1500Ω
225
V
TJ, Tstg
Junction and Storage Temperature
-55~150
TL
Maximum lead Temperature for soldering purposes
260
Maximum ratings are those values beyond which device damage can occur.Maximum ratings applied to the device are
individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded,
device functional operation is not implied, damage may occur and reliability may be affected.
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJA
Thermal Resistance, Junction-to-Ambient(Note 1)
-
-
170
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient(Note 1)
110
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient(Note 2)
300
℃/W
Note 1: Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces)
Note 2: Surface−mounted on FR4 board using the minimum recommended pad size.
Note 3: ESD Rating Information: HBM Class 0
Re v. A Ma r .20 10
P02-1


Similar Part No. - WFY3P02

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WFY3P02 VBSEMI-WFY3P02 Datasheet
482Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - WFY3P02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
??0 V, ??.3 A, P?묬hannel SOT??3 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com