Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFW24N50N Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFW24N50N
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFW24N50N Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFW24N50N Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW24N50N Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW24N50N Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW24N50N Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW24N50N Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW24N50N Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFW24N50N Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WFW
WFW
WFW
WFW24N50
24N50
24N50
24N50N
N
N
N
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
S
S
S
Sil
il
il
iliiiic
c
c
co
o
o
on
n
n
n N
N
N
N----Ch
Ch
Ch
Cha
a
a
an
n
n
nn
n
n
nel
el
el
el M
M
M
MOS
OS
OS
OSF
F
F
FET
ET
ET
ET
Features
24A,500V,R
DS(on)(Max0.19Ω)@VGS=10V
Ultra-low Gate charge(Typical 90nC)
Fast Switching Capability
100%Avalanche Tested
Maximum Junction Temperature Range(150℃)
General Description
This N-Channel enhancement mode power field effect transistors
are produced using Winsemi's proprietary, planar stripe ,DMOS
technology. This advanced technology has been especially tailored
to minimize on-state resistance , provide superior switching
performance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high
efficiency switch mode power supplies.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
500
V
ID
Continuous Drain Current(@Tc=25
℃)
24
A
Continuous Drain Current(@Tc=100
℃)
15.2
A
IDM
Drain Current Pulsed
(Note1)
96
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
1100
mJ
EAR
Repetitive Avalanche Energy
(Note1)
29
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
4.5
V/ ns
PD
Total Power Dissipation(@Tc=25
℃)
290
W
Derating Factor above 25
2.33
W/
TJ,Tstg
Junction and Storage Temperature
-55~150
TL
Channel Temperature
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
0.43
℃/W
RQCS
Thermal Resistance , Case-to-Sink
-
0.24
-
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
40
℃/W
Rev.A Aug.2010


Similar Part No. - WFW24N50N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFW24N50W WINSEMI-WFW24N50W Datasheet
473Kb / 7P
   Silicon N-Channel MOSFET
More results

Similar Description - WFW24N50N

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com