Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFF634 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFF634
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFF634 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFF634 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF634 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF634 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF634 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF634 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF634 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF634 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WF
WF
WF
WFF
F
F
F63
63
63
634
4
4
4
Rev.A Jun.2010
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
S
S
S
Siiiilllliiiic
c
c
co
o
o
on
n
n
n N
N
N
N----C
C
C
Ch
h
h
ha
a
a
an
n
n
nn
n
n
nel
el
el
el M
M
M
MOS
OS
OS
OSF
F
F
FET
ET
ET
ET
F
F
F
Fe
e
e
ea
a
a
attttu
u
u
urrrre
e
e
es
s
s
s
■ 9A, 250V, RDS(on)(Max 0.45Ω)@VGS=10V
■ Ultra-low Gate Charge(Typical 41nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150℃)
G
G
G
Ge
e
e
ene
ne
ne
nerrrra
a
a
allll D
D
D
De
e
e
es
s
s
sc
c
c
cri
ri
ri
ript
pt
pt
ption
ion
ion
ion
T h i s P o w e r M O S F E T i s p r o d u c e d u s i n g W i n s e m i ’ s a d v a n c e d
pl a n a r str i p e , DM O S te c h n ol o g y . Th is la t es t te c h n o l o g y ha s bee n
es p e c i a l l y de s i g n e d to mi n i m i z e on - s t a t e r e s i s t a n c e , ha v e a hi g h
r u g g e d av a l a n c h e ch a r a c t e r i s t i c s . T h i s d e v i c e s is sp e c i a l l y we l l
s u i t e d f o r l o w v o l t a g e a p p l i c a t i o n s s u c h a s a u t o m o t i v e , h i g h
effici ency switchi ng for DC/DC conv er ter s , and DC motor control.
A
A
A
Ab
b
b
bs
s
s
so
o
o
ollllu
u
u
utttte
e
e
e M
M
M
Max
ax
ax
axiiiim
m
m
mu
u
u
um
m
m
m R
R
R
Ra
a
a
ati
ti
ti
ting
ng
ng
ngs
s
s
s
S
S
S
Sy
y
y
ym
m
m
mb
b
b
bol
ol
ol
ol
P
P
P
Pa
a
a
arrrra
a
a
am
m
m
me
e
e
etttte
e
e
errrr
V
V
V
Va
a
a
alue
lue
lue
lue
Uni
Uni
Uni
Unitttts
s
s
s
VDSS
Drain Source Voltage
250
V
ID
Continuous Drain Current(@Tc=25℃)
9
A
Continuous Drain Current(@Tc=100℃)
5
A
IDM
Drain Current Pulsed
(Note1)
72
A
VGS
Gate to Source Voltage
±20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
7.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.8
V/ns
PD
Total Power Dissipation(@Tc=25℃)
48
W
Derating Factor above 25℃
0.42
W/℃
TJ, Tstg
Junction and Storage Temperature
-55~150
TL
Channel Temperature
300
****D
D
D
Drrrra
a
a
aiiiin
n
n
n c
c
c
cu
u
u
urr
rr
rr
rre
e
e
ent
nt
nt
nt li
li
li
lim
m
m
miiiite
te
te
ted
d
d
d by
by
by
by jjjjun
un
un
unc
c
c
cttttiiiion
on
on
on te
te
te
tem
m
m
mp
p
p
pe
e
e
errrrat
at
at
atu
u
u
urrrre
e
e
e
T
T
T
Th
h
h
he
e
e
erm
rm
rm
rmal
al
al
al C
C
C
Ch
h
h
ha
a
a
arrrra
a
a
ac
c
c
ctttte
e
e
eri
ri
ri
ris
s
s
sttttiiiics
cs
cs
cs
S
S
S
Sy
y
y
ym
m
m
mb
b
b
bol
ol
ol
ol
P
P
P
Pa
a
a
arrrram
am
am
ame
e
e
etttte
e
e
errrr
V
V
V
Va
a
a
alue
lue
lue
lue
Uni
Uni
Uni
Unitttts
s
s
s
M
M
M
Min
in
in
in
T
T
T
Ty
y
y
yp
p
p
p
M
M
M
Ma
a
a
ax
x
x
x
RQJC
Thermal Resistance, Junction-to-Case
-
-
2.60
℃/W
RQCS
Thermal Resistance, Case-to-Sink
-
0.5
-
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
℃/W


Similar Part No. - WFF634

ManufacturerPart #DatasheetDescription
logo
Wisdom technologies Int...
WFF634 WISDOM-WFF634 Datasheet
799Kb / 7P
   N-Channel MOSFET
More results

Similar Description - WFF634

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com