Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7250GVIO Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7250GVIO Datasheet HTML 13Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 14Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 15Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 16Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 17Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 18Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 19Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 20Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TLE7250GVIO
Electrical Characteristics
Data Sheet
17
Rev. 1.0, 2012-03-14
7.1.38 Driver symmetry
VSYM = VCANH + VCANL
V
SYM
4.5
5.5
V
VTxD =0V, VCC =5V,
50
Ω < RL <65 Ω
7.1.39 CANL short-circuit current
I
CANLsc
40
80
100
mA
VTxD = 0 V, VCC = 5 V, t < tTxD,
V
CANLshort = 18 V
7.1.40 CANH short-circuit current
I
CANHsc
-100
-80
-40
mA
VTxD =0V, VCC =5 V, t< tTxD,
V
CANHshort = 0 V
7.1.41 Leakage current CANH
I
CANH,lk
-5
0
5
μA
V
CC = 0 V, VCANH = VCANL,
0V<
V
CANH <5V
7.1.42 Leakage current CANL
I
CANL,lk
-5
0
5
μA
V
CC = 0 V, VCANH = VCANL,
0V<
V
CANL <5V
Dynamic CAN Transceiver Characteristics
7.1.43 Propagation delay
TxD-to-RxD “low”
(“recessive” to “dominant”)
t
d(L),TR
30
180
255
ns
C
L = 100 pF,
V
CC = 5 V, CRxD =15pF
7.1.44 Propagation delay
TxD-to-RxD “high”
(“dominant” to “recessive”)
t
d(H),TR
30
200
255
ns
C
L = 100 pF,
V
CC = 5 V, CRxD =15pF
7.1.45 Propagation delay
TxD “low” to bus “dominant”
t
d(L),T
100
ns
1) C
L =100 pF,
V
CC = 5 V, CRxD =15pF
7.1.46 Propagation delay
TxD “high” to bus “recessive”
t
d(H),T
–90
ns
1) C
L =100 pF,
V
CC = 5 V, CRxD =15pF
7.1.47 Propagation delay
bus “dominant” to RxD “low”
t
d(L),R
–80
ns
1) C
L =100 pF,
V
CC = 5 V, CRxD =15pF
7.1.48 Propagation delay
bus “recessive” to RxD “high”
t
d(H),R
110
ns
1) C
L =100 pF,
V
CC = 5 V, CRxD =15pF
7.1.49 Time for mode change
t
Mode
––
10
μs
1)
1) Not subject to production test, specified by design
Table 6
Electrical Characteristics (cont’d)
4.75 V <
V
CC < 5.25 V; 3.0 V < VIO < 5.25 V; RL =60 Ω; -40 °C< Tj < +150 °C; all voltages with respect to ground;
positive current flowing into the pin; unless otherwise specified.
Pos. Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.


Similar Part No. - TLE7250GVIO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
More results

Similar Description - TLE7250GVIO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com